Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8536EAVTAVL Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC8536EAVTAVL
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EAVTAVL Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC8536EAVTAVL Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Input Clocks
Freescale Semiconductor
30
2.4.4
eTSEC Gigabit Reference Clock Timing
Table 8 provides the eTSEC gigabit reference clocks (EC_GTX_CLK125) AC timing specifications for the MPC8536E.
2.4.5
DDR Clock Timing
Table 9 provides the DDR clock (DDRCLK) AC timing specifications for the MPC8536E.
Table 8. EC_GTX_CLK125 AC Timing Specifications
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
EC_GTX_CLK125 frequency
fG125
—
125
—
MHz
—
EC_GTX_CLK125 cycle time
tG125
—8
—
ns
—
EC_GTX_CLK rise and fall time
LVDD, TVDD = 2.5V
LVDD, TVDD = 3.3V
tG125R/tG125F
——
0.75
1.0
ns
1
EC_GTX_CLK125 duty cycle
GMII, TBI
1000Base-T for RGMII, RTBI
tG125H/tG125
45
47
—
55
53
%2
Notes:
1. Rise and fall times for EC_GTX_CLK125 are measured from 0.5V and 2.0V for L/TVDD=2.5V, and from 0.6 and 2.7V for
L/TVDD=3.3V at 0.6 V and 2.7 V.
2. EC_GTX_CLK125 is used to generate the GTX clock for the eTSEC transmitter with 2% degradation. EC_GTX_CLK125
duty cycle can be loosened from 47/53% as long as the PHY device can tolerate the duty cycle generated by the eTSEC
GTX_CLK. See Section 2.9.2.6, “RGMII and RTBI AC Timing Specifications,” for duty cycle for 10Base-T and 100Base-T
reference clock.
Table 9. DDRCLK AC Timing Specifications
At recommended operating conditions with OVDD of 3.3V ± 5%.
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
DDRCLK frequency
fDDRCLK
66
—
166
MHz
1
DDRCLK cycle time
tDDRCLK
6.0
—
15.15
ns
—
DDRCLK rise and fall time
tKH, tKL
0.61.0
1.2ns
2
DDRCLK duty cycle
tKHK/tDDRCLK
40
—
60
%
—
DDRCLK jitter
—
—
—
+/– 150
ps
3, 4
Notes:
1. Caution: The DDR complex clock to DDRCLK ratio settings must be chosen such that the resulting DDR complex
clock frequency does not exceed the maximum or minimum operating frequencies. See Section 2.23.4,
“DDR/DDRCLK PLL Ratio,” for ratio settings.
2. Rise and fall times for DDRCLK are measured at 0.6 V and 2.7 V.
3. The DDRCLK driver’s closed loop jitter bandwidth should be <500 kHz at –20 dB. The bandwidth must be set low to
allow cascade-connected PLL-based devices to track DDRCLK drivers with the specified jitter.
4. For spread spectrum clocking, guidelines are +0% to –1% down spread at a modulation rate between 20 kHz and
60 kHz on DDRCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com