Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8544EBVTAQG Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTAQG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTAQG Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTAQG Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8544EBVTAQG Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8544EBVTAQG Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8544EBVTAQG Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8544EBVTAQG Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8544EBVTAQG Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8544EBVTAQG Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8544EBVTAQG Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8544EBVTAQG Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
74
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
Figure 54. Single-Ended Measurement Points for Rise and Fall Time Matching
The other detailed AC requirements of the SerDes reference clocks is defined by each interface protocol
based on application usage. Refer to the following sections for detailed information:
•
Section 8.3.1, “AC Requirements for SGMII SD2_REF_CLK and SD2_REF_CLK”
•
Section 17.2, “AC Requirements for PCI Express SerDes Clocks”
16.2.4.1
Spread Spectrum Clock
SD1_REF_CLK/SD1_REF_CLK were designed to work with a spread spectrum clock (+0 to –0.5%
spreading at 30–33 kHz rate is allowed), assuming both ends have same reference clock. For better results,
a source without significant unintended modulation should be used.
SD2_REF_CLK/SD2_REF_CLK are not intended to be used with, and should not be clocked by, a spread
spectrum clock source.
16.3
SerDes Transmitter and Receiver Reference Circuits
Figure 55 shows the reference circuits for SerDes data lane’s transmitter and receiver.
Figure 55. SerDes Transmitter and Receiver Reference Circuits
The DC and AC specification of SerDes data lanes are defined in the section below (PCI Express or
SGMII) in this document based on the application usage:
•
Section 8.3, “SGMII Interface Electrical Characteristics”
•
Section 17, “PCI Express”
Please note that external AC Coupling capacitor is required for the above serial transmission protocols
with the capacitor value defined in specification of each protocol section.
SD
n_REF_CLK
SD
n_REF_CLK
SD
n_REF_CLK
SD
n_REF_CLK
SD
n_REF_CLK
VCROSS MEDIAN
VCROSS MEDIAN
VCROSS MEDIAN + 100 mV
VCROSS MEDIAN – 100 mV
TFALL
TRISE
50
Ω
Receiver
Transmitter
50
Ω
50
Ω
SD1_TX
n or
SD2_TX
n
SD1_RX
n or
SD2_RX
n
50
Ω
SD1_TX
n or
SD2_TX
n
SD1_RX
n or
SD2_RX
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com