Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5634MF0MLQA6 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # PPC5634MF0MLQA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5634MF0MLQA6 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button PPC5634MF0MLQA6 Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC5634MF0MLQA6 Datasheet HTML 16Page - Freescale Semiconductor, Inc PPC5634MF0MLQA6 Datasheet HTML 17Page - Freescale Semiconductor, Inc PPC5634MF0MLQA6 Datasheet HTML 18Page - Freescale Semiconductor, Inc PPC5634MF0MLQA6 Datasheet HTML 19Page - Freescale Semiconductor, Inc PPC5634MF0MLQA6 Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC5634MF0MLQA6 Datasheet HTML 21Page - Freescale Semiconductor, Inc PPC5634MF0MLQA6 Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC5634MF0MLQA6 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 118 page
background image
Overview
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
19
— First time base clocked by system clock with programmable prescale division from 2 to 512 (in steps of 2), or by
output of second time base prescaler
— Second time base counter can work as a continuous angle counter, enabling angle based applications to match
angle instead of time
— Both time bases can be exported to the eMIOS timer module
— Both time bases visible from the host
•
Event-triggered microengine:
— Fixed-length instruction execution in two-system-clock microcycle
— 14 KB of code memory (SCM)
— 3 KB of parameter (data) RAM (SPRAM)
— Parallel execution of data memory, ALU, channel control and flow control sub-instructions in selected
combinations
— 32-bit microengine registers and 24-bit wide ALU, with 1 microcycle addition and subtraction, absolute value,
bitwise logical operations on 24-bit, 16-bit, or byte operands, single-bit manipulation, shift operations, sign
extension and conditional execution
— Additional 24-bit Multiply/MAC/Divide unit which supports all signed/unsigned Multiply/MAC combinations,
and unsigned 24-bit divide. The MAC/Divide unit works in parallel with the regular microcode commands
•
Resource sharing features support channel use of common channel registers, memory and microengine time:
— Hardware scheduler works as a “task management” unit, dispatching event service routines by predefined,
host-configured priority
— Automatic channel context switch when a “task switch” occurs, i.e., one function thread ends and another begins
to service a request from other channel: channel-specific registers, flags and parameter base address are
automatically loaded for the next serviced channel
— SPRAM shared between host CPU and eTPU2, supporting communication either between channels and host or
inter-channel
— Hardware implementation of four semaphores support coherent parameter sharing between both eTPU engines
— Dual-parameter coherency hardware support allows atomic access to two parameters by host
•
Test and development support features:
— Nexus Class 1 debug, supporting single-step execution, arbitrary microinstruction execution, hardware
breakpoints and watchpoints on several conditions
— Software breakpoints
— SCM continuous signature-check built-in self test (MISC - multiple input signature calculator), runs concurrently
with eTPU2 normal operation
For MPC5634M, the eTPU2 has been further enhanced with these features:
•
System enhancements
— Timebases and channels are run at full system clock speed
— Software watchdog with programmable timeout
— Real-time performance information
•
Channel enhancements
— Programmable channel mode allows customization of channel function
— Channels 1 and 2 can optionally drive angle clock hardware
•
Programming enhancements
— Engine relative addressing mode
— More flexibility in requesting DMA and interrupt service
— Channel flags cannot be tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com