Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C02N Datasheet(PDF) 2 Page - Powerbox

Part # C02N
Description  1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C02N Datasheet(HTML) 2 Page - Powerbox

  C02N Datasheet HTML 1Page - Powerbox C02N Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
212
MODEL
NUMBER
OUTPUT
OUTPUT
RIPPLE
INPUT CURRENT
REGULATION
CASE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
NO LOAD
FULL LOAD
LOAD 0-100%
LINE 11.5-16V
C01
0 to +100V
0 to 10mA
<0.03%
<0.75%
<8mA
<250mA
<0.10%
<0.10%
A
C02
0 to +200V
0 to 5mA
<0.02%
<0.05%
<10mA
<180mA
<0.10%
<0.10%
A
C02N
0 to –200V
0 to 5mA
<0.02%
<0.05%
<8mA
<210mA
<0.10%
<1.00%
A
C03
0 to +300V
0 to 3.3mA
<0.0025%
<0.03%
<10mA
<175mA
<0.10%
<0.10%
A
C05
0 to +500V
0 to 2mA
<0.002%
<0.004%
<16mA
<150mA
<0.07%
<0.10%
A
C05N
0 to –500V
0 to 2mA
<0.005%
<0.005%
<20mA
<160mA
<0.50%
<0.50%
A
C06
0 to +600V
0 to 1.67mA
<0.001%
<0.003%
<20mA
<150mA
<0.05%
<0.10%
A
C06N
0 to –600V
0 to 1.67mA
<0.005%
<0.006%
<25mA
<150mA
<0.50%
<0.10%
A
C10
0 to +1000V
0 to 1mA
<0.004%
<0.05%
<50mA
<150mA
<0.30%
<0.30%
A
C10N
0 to –1000V
0 to 1mA
<0.001%
<0.002%
<35mA
<175mA
<0.50%
<0.30%
A
C12
0 to +1250V
0 to 1mA
<0.002%
<0.004%
<35mA
<170mA
<0.10%
<0.10%
A
C12N
0 to –1250V
0 to 1mA
<0.002%
<0.003%
<50mA
<190mA
<.1750%
<0.10%
A
C15
0 to +1500V
0 to 0.67mA
<0.001%
<0.002%
<50mA
<150mA
<0.10%
<0.10%
A
C15N
0 to –1500V
0 to 0.67mA
<0.001%
<0.002%
<60mA
<170mA
<0.20%
<0.20%
A
C20
0 to +2000V
0 to 0.5mA
<0.001%
<0.002%
<50mA
<150mA
<0.15%
<0.10%
A
C20N
0 to –2000V
0 to 0.5mA
<0.001%
<0.002%
<70mA
<190mA
<0.15%
<0.10%
A
C25
0 to +2500V
0 to 0.4mA
<0.02%
<0.08%
<40mA
<150mA
<0.30%
<0.20%
B
C25N
0 to –2500V
0 to 0.4mA
<0.02%
<0.08%
<50mA
<160mA
<0.30%
<0.20%
B
C30
0 to +3000V
0 to 0.33mA
<0.02%
<0.08%
<60mA
<180mA
<0.20%
<0.05%
B
C30N
0 to –3000V
0 to 0.33mA
<0.02%
<0.20%
<75mA
<200mA
<0.30%
<0.075%
B
C40
0 to +4000V
0 to 0.25mA
<0.025%
<0.1%
<70mA
<150mA
<0.25%
<0.20%
B
C40N
0 to –4000V
0 to 0.25mA
<0.03%
<0.07%
<85mA
<200mA
<0.20%
<0.10%
B
C50
0 to +5000V
0 to 0.200mA
<0.1%
<0.1%
<80mA
<200mA
<0.25%
<0.10%
C
C50N
0 to –5000V
0 to 0.200mA
<0.1%
<0.1%
<80mA
<200mA
<0.25%
<0.10%
C
C60
0 to +6000V
0 to 0.166mA
<0.1%
<0.1%
<100mA
<200mA
<0.25%
<0.10%
C
C60N
0 to –6000V
0 to 0.166mA
<0.1%
<0.1%
<100mA
<225mA
<0.25%
<0.15%
C
C80
0 to +8000V
0 to 0.125mA
<0.2%
<0.2%
<100mA
<250mA
<0.75%
<0.15%
D
C80N
0 to –8000V
0 to 0.125mA
<0.2%
<0.2%
<100mA
<250mA
<0.75%
<0.15%
D
C Series
1
W A TTS
100-8KV
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
CASE C
CASE D
Selection Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com