Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5632MF0MLUA6 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PPC5632MF0MLUA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5632MF0MLUA6 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PPC5632MF0MLUA6 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5632MF0MLUA6 Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5632MF0MLUA6 Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5632MF0MLUA6 Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC5632MF0MLUA6 Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC5632MF0MLUA6 Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC5632MF0MLUA6 Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC5632MF0MLUA6 Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC5632MF0MLUA6 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
12
effective single cycle throughput. Load and store multiple word instructions allow low overhead context save and restore
operations. The load/store unit contains a dedicated effective address adder to allow effective address generation to be
optimized. Also, a load-to-use dependency does not incur any pipeline bubbles for most cases.
The Condition Register unit supports the condition register (CR) and condition register operations defined by the Power
Architecture. The condition register consists of eight 4-bit fields that reflect the results of certain operations, such as move,
integer and floating-point compare, arithmetic, and logical instructions, and provide a mechanism for testing and branching.
Vectored and autovectored interrupts are supported by the CPU. Vectored interrupt support is provided to allow multiple
interrupt sources to have unique interrupt handlers invoked with no software overhead.
The hardware floating-point unit utilizes the IEEE-754 single-precision floating-point format and supports single-precision
floating-point operations in a pipelined fashion. The general purpose register file is used for source and destination operands,
thus there is a unified storage model for single-precision floating-point data types of 32 bits and the normal integer type.
Single-cycle floating-point add, subtract, multiply, compare, and conversion operations are provided. Divide instructions are
multi-cycle and are not pipelined.
The Signal Processing Extension (SPE) Auxiliary Processing Unit (APU) provides hardware SIMD operations and supports a
full complement of dual integer arithmetic operation including Multiply Accumulate (MAC) and dual integer multiply (MUL)
in a pipelined fashion. The general purpose register file is enhanced such that all 32 of the GPRs are extended to 64 bits wide
and are used for source and destination operands, thus there is a unified storage model for 32 x 32 MAC operations which
generate greater than 32-bit results.
The majority of both scalar and vector operations (including MAC and MUL) are executed in a single clock cycle. Both scalar
and vector divides take multiple clocks. The SPE APU also provides extended load and store operations to support the transfer
of data to and from the extended 64-bit GPRs. This SPE APU is fully binary compatible with e200z6 SPE APU used in
MPC5554 and MPC5553.
The CPU includes support for Variable Length Encoding (VLE) instruction enhancements. This enables the classic Power
Architecture instruction set to be represented by a modified instruction set made up from a mixture of 16- and 32-bit
instructions. This results in a significantly smaller code size footprint without noticeably affecting performance. The classic
Power Architecture instruction set and VLE instruction set are available concurrently. Regions of the memory map are
designated as PPC or VLE using an additional configuration bit in each of Table Look-aside Buffers (TLB) entries in the MMU.
The CPU core is enhanced by the addition of two additional interrupt sources; Non-Maskable Interrupt and Critical Interrupt.
These two sources are routed directly from package pins, via edge detection logic in the SIU to the CPU, bypassing completely
the Interrupt Controller. Once the edge detection logic is programmed, it cannot be disabled, except by reset. The non-maskable
Interrupt is, as the name suggests, completely un-maskable and when asserted will always result in the immediate execution of
the respective interrupt service routine. The non-maskable interrupt is not guaranteed to be recoverable. The Critical Interrupt
is very similar to the non-maskable interrupt, but it can be masked by other exceptional interrupts in the CPU and is guaranteed
to be recoverable (code execution may be resumed from where it stopped).
The CPU core has an additional ‘Wait for Interrupt’ instruction that is used in conjunction with low power STOP mode. When
Low Power Stop mode is selected, this instruction is executed to allow the system clock to be stopped. An external interrupt
source or the system wake-up timer is used to restart the system clock and allow the CPU to service the interrupt.
1.3.2
Crossbar
The XBAR multi-port crossbar switch supports simultaneous connections between three master ports and four slave ports. The
crossbar supports a 32-bit address bus width and a 64-bit data bus width.
The crossbar allows three concurrent transactions to occur from the master ports to any slave port; but each master must access
a different slave. If a slave port is simultaneously requested by more than one master port, arbitration logic selects the higher
priority master and grants it ownership of the slave port. All other masters requesting that slave port are stalled until the higher
priority master completes its transactions. Requesting masters are treated with equal priority and are granted access to a slave
port in round-robin fashion, based upon the ID of the last master to be granted access. The crossbar provides the following
features:
•
3 master ports:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com