Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5634MF0MLUA6 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # PPC5634MF0MLUA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5634MF0MLUA6 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button PPC5634MF0MLUA6 Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC5634MF0MLUA6 Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC5634MF0MLUA6 Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC5634MF0MLUA6 Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC5634MF0MLUA6 Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC5634MF0MLUA6 Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC5634MF0MLUA6 Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC5634MF0MLUA6 Datasheet HTML 32Page - Freescale Semiconductor, Inc PPC5634MF0MLUA6 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
Pinout and signal description
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
29
1.4.2
Block summary
Table 2 summarizes the functions of the blocks present on the MPC5634M series microcontrollers.
2
Pinout and signal description
This section contains the pinouts for all production packages for the MPC5634M family of devices. Please note the following:
•
Pins labeled “NC” are to be left unconnected. Any connection to an external circuit or voltage may cause unpredictable
device behavior or damage.
•
Pins labeled “NIC” have no internal connection.
Table 2. MPC5634M series block summary
Block
Function
e200z3 core
Executes programs and interrupt handlers.
Flash memory
Provides storage for program code, constants, and variables
RAM (random-access memory)
Provides storage for program code, constants, and variables
Calibration bus
Transfers data across the crossbar switch to/from peripherals attached to the
VertiCal connector
DMA (direct memory access)
Performs complex data movements with minimal intervention from the core
DSPI (deserial serial peripheral interface)
Provides a synchronous serial interface for communication with external
devices
eMIOS (enhanced modular input-output system) Provides the functionality to generate or measure events
eQADC (enhanced queued analog-to-digital
converter)
Provides accurate and fast conversions for a wide range of applications
eSCI (serial communication interface)
Allows asynchronous serial communications with peripheral devices and
other microcontroller units
eTPU (enhanced time processor unit)
Processes real-time input events, performs output waveform generation, and
accesses shared data without host intervention
FlexCAN (controller area network)
Supports the standard CAN communications protocol
FMPLL (frequency-modulated phase-locked
loop)
Generates high-speed system clocks and supports the programmable
frequency modulation of these clocks
INTC (interrupt controller)
Provides priority-based preemptive scheduling of interrupt requests
JTAG controller
Provides the means to test chip functionality and connectivity while remaining
transparent to system logic when not in test mode
NPC (Nexus Port Controller)
Provides real-time development support capabilities in compliance with the
IEEE-ISTO 5001-2003 standard
PIT (peripheral interrupt timer)
Produces periodic interrupts and triggers
Temperature sensor
Provides the temperature of the device as an analog value
SWT (Software Watchdog Timer)
Provides protection from runaway code
STM (System Timer Module)
Timer providing a set of output compare events to support AutoSAR and
operating system tasks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com