| Electronic Components Datasheet Search |
|
PPC5632MF0MMGA6 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PPC5632MF0MMGA6 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 118 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Overview Freescale Semiconductor 8 – Execution from external memory on the calibration bus – Download and execution of code via FlexCAN or eSCI • Periodic interrupt timer (PIT) — 32-bit wide down counter with automatic reload — Four channels clocked by system clock — One channel clocked by crystal clock — Each channel can produce periodic software interrupt — Each channel can produce periodic triggers for eQADC queue triggering — One channel out of the five can be used as wake-up timer to wake device from low power stop mode • System timer module (STM) — 32-bit up counter with 8-bit prescaler — Clocked from system clock — Four-channel timer compare hardware — Each channel can generate a unique interrupt request — Designed to address AutoSAR task monitor function • Software watchdog timer (SWT) — 32-bit timer — Clock by system clock or crystal clock — Can generate either system reset or non-maskable interrupt followed by system reset — Enabled out of reset • Enhanced modular I/O system (eMIOS) — 16 timer channels (up to 14 channels in 144 LQFP) — 24-bit timer resolution — Supports a subset of the timer modes found in eMIOS on MPC5554 — 3 selectable time bases plus shared time or angle counter bus from eTPU2 — DMA and interrupt request support — Motor control capability • Second-generation enhanced time processor unit (eTPU2) — Compatible with eTPU—no changes are required to hardware or software if only eTPU features are used — Intelligent co-processor designed for timing control — High level tools, assembler and compiler available — 32 channels (each channel has dedicated I/O pin in all packages) — 24-bit timer resolution — 14 KB code memory and 3 KB data memory — Double match and capture on all channels — Angle clock hardware support — Shared time or angle counter bus with eMIOS — DMA and interrupt request support — Nexus Class 1 debug support — eTPU2 enhancements – Counters and channels can run at full system clock speed – Software watchdog – Real-time performance monitor – Instruction set enhancements for smaller more flexible code generation – Programmable channel mode for customization of channel operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |