Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5632MF0MLUA8 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # PPC5632MF0MLUA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5632MF0MLUA8 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button PPC5632MF0MLUA8 Datasheet HTML 38Page - Freescale Semiconductor, Inc PPC5632MF0MLUA8 Datasheet HTML 39Page - Freescale Semiconductor, Inc PPC5632MF0MLUA8 Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC5632MF0MLUA8 Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC5632MF0MLUA8 Datasheet HTML 42Page - Freescale Semiconductor, Inc PPC5632MF0MLUA8 Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC5632MF0MLUA8 Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC5632MF0MLUA8 Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC5632MF0MLUA8 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
AN[24]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
130
159
D8
AN[25]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
129
158
B9
AN[27]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
128
157
A10
AN[28]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
127
156
B10
AN[30]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
126
155
D9
AN[31]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
125
154
D10
AN[32]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
124
153
C10
AN[33]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
123
152
C11
AN[34]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
122
151
C5
AN[35]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
121
150
D11
AN[36]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
—
1747
F48
AN[37]
Single Ended Analog Input
—
—
I
VDDA
I / -
AN[x] / -
—
1757
E38
AN[38]-AN[8]-
ANW
Single Ended Analog Input
Multiplexed Analog Input
—
—
I
VDDA
I / -
AN[38] / -
9
9
B3
AN[39]-AN[10]-
ANY
Single Ended Analog Input
Multiplexed Analog Input
—
—
I
VDDA
I / -
AN[39] / -
8
8
D2
VRH
Voltage Reference High
—
—
I
VDDA
- / -
VRH
134
163
A8
VRL
Voltage Reference Low
—
—
I
VSSA0
- / -
VRL
133
162
A9
REFBYPC
Bypass Capacitor Input
—
—
I
VRL
- / -
REFBYPC
135
164
B7
eTPU2
eTPU_A[0]
eTPU_A[12]
eTPU_A[19]
GPIO[114]
eTPU_A Ch.
eTPU_A Ch.
eTPU_A Ch.
GPIO
PCR[114]
011
010
100
000
I/O
O
O
I/O
VDDEH1b
Slow
- / WKPCFG
- / WKPCFG
52
61
L4, N3
eTPU_A[1]
eTPU_A[13]
GPIO[115]
eTPU_A Ch.
eTPU_A Ch.
GPIO
PCR[115]
01
10
00
I/O
O
I/O
VDDEH1b
Slow
- / WKPCFG
- / WKPCFG
51
60
M3
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR
PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset
State5
Function /
State After
Reset6
Pin No.
144
LQFP
176
LQFP
208
MAPBGA
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available
from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com