Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5633MF0MLUA8 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # PPC5633MF0MLUA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5633MF0MLUA8 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button PPC5633MF0MLUA8 Datasheet HTML 54Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 55Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 56Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 57Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 58Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 59Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 60Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 61Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
58
3.2
Maximum ratings
Table 8. Absolute maximum ratings1
Symbol
Parameter
Conditions
Value2
Unit
min
max
VDD
SR
1.2 V core supply voltage3
– 0.3
1.32
V
VFLASH
SR
Flash core voltage4,5
– 0.3
3.6
V
VSTBY
SR
SRAM standby voltage6
– 0.3
5.5
V
VDDPLL
SR
Clock synthesizer voltage3
– 0.3
1.32
V
VRC33
7
SR
Voltage regulator control
input voltage5
– 0.3
3.6
V
VDDA
SR
Analog supply voltage6
Reference to VSSA
– 0.3
5.5
V
VDDE
SR
I/O supply voltage5,8
– 0.3
3.6
V
VDDEH
SR
I/O supply voltage6,8
– 0.3
5.5
V
VIN
SR
DC input voltage9
VDDEH powered I/O
pads
–1.010
VDDEH +0.3 V
11
V
VDDE powered I/O
pads
–1.010
VDDE +0.3 V
12
VDDA powered I/O
pads
–1.0
VDDA +0.3 V
VDDREG
SR
Voltage regulator supply
voltage6
– 0.3
5.5
V
VRH
SR
Analog reference high
voltage6
Reference to VRL
– 0.3
5.5
V
VSS – VSSA
SR
VSS differential voltage
– 0.1
0.1
V
VRH – VRL
SR
VREF differential voltage
6
– 0.3
5.5
V
VRL – VSSA
SR
VRL to VSSA differential
voltage
– 0.3
0.3
V
VSSPLL – VSS
SR
VSSPLL to VSS differential
voltage
– 0.1
0.1
V
IMAXD
SR
Maximum DC digital input
current13
Per pin, applies to all
digital pins
– 3
3
mA
IMAXA
SR
Maximum DC analog input
current14
Per pin, applies to all
analog pins
—5 mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com