Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5633MF0MLUA8 Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # PPC5633MF0MLUA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5633MF0MLUA8 Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button PPC5633MF0MLUA8 Datasheet HTML 110Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 111Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 112Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 113Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 114Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 115Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 116Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 117Page - Freescale Semiconductor, Inc PPC5633MF0MLUA8 Datasheet HTML 118Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 117 / 118 page
background image
Document revision history
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
117
Rev.4
12/2009
208-pin MAPBGA ballmap for the MPC5633M (1024 KB flash memory) has changed.
Power Management Control (PMC) and Power On Reset (POR) electrical specifications
updated
Temperature sensor data added
Specifications now indicate how each controller characteristic parameter is guaranteed.
I/O pad current specifications updated
I/O Pad VRC33 current specifications updated
PAD AC characteristics updated
VGA gain specifications added to eQADC electrical characteristics
DC electrical specifications updated:
• Footnote added to RPUPD100K and RPUPD200K: When the pull-up and pull-down of
the same nominal 200 K
Ω or 100 KΩ value are both enabled, assuming no interference
from other devices, the resulting pad voltage will be 0.5*VDDE ± 2.5%
•IOL condition added to VOL_LS.
•IOH condition added to VOH_LS.
• Minimum VOH_LS is 2.3 V (was 2.7 V).
• Separate IDDPLL removed from IDD spec because we can only measure IDD +IDDPLL.
IDD increased by 15 mA (to 195 mA) to account for IDDPLL. IDD now documented as
IDD +IDDPLL. Footnote added detailing runtime configuration used to measure
IDD +IDDPLL.
• Specifications for IDDSTBY and IDDSTBY150 reformatted to make more clear.
•VSTBY is now specified by two ranges. The area in between those ranges is
indeterminate.
LVDS pad specifications updated:
• Min value for VOD at SRC=0b01 is 90 mV (was 120); and 160 mV (was 180) at
SRC = 0b10
Changes to Signal Properties table:
• VDDE7 removed as voltage segment from Calibration bus pins. Calibration bus pins
are powered by VDDE12 only.
• GPIO[139] and GPIO[87] pins changed to Medium pads
• Some signal names have changed on 176-pin QFP package pinout: “CAL_x” signals
renamed to “ALT_x”.
Changes to Pad Types table:
• Column heading changed from “Voltage” to “Supply Voltage”
• MultiV pad high swing mode voltage changed to 3.0 V – 5.25 V (was 4.5 V – 5.25 V)
• MultiV pad low swing mode voltage changed to 4.5 V – 5.25 V (was 3.0 V – 3.6 V)
Signal details table added
Power/ground segmentation table added
100-pin package is no longer available
Table 42. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com