Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5634MF0MLUA8 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # PPC5634MF0MLUA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5634MF0MLUA8 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button PPC5634MF0MLUA8 Datasheet HTML 70Page - Freescale Semiconductor, Inc PPC5634MF0MLUA8 Datasheet HTML 71Page - Freescale Semiconductor, Inc PPC5634MF0MLUA8 Datasheet HTML 72Page - Freescale Semiconductor, Inc PPC5634MF0MLUA8 Datasheet HTML 73Page - Freescale Semiconductor, Inc PPC5634MF0MLUA8 Datasheet HTML 74Page - Freescale Semiconductor, Inc PPC5634MF0MLUA8 Datasheet HTML 75Page - Freescale Semiconductor, Inc PPC5634MF0MLUA8 Datasheet HTML 76Page - Freescale Semiconductor, Inc PPC5634MF0MLUA8 Datasheet HTML 77Page - Freescale Semiconductor, Inc PPC5634MF0MLUA8 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
74
IDDH1
IDDH4
IDDH6
IDDH7
IDD7
IDDH9
IDD12
CC
C
Operating current
VDDE
21 supplies @
80 MHz
VDDEH1
—
—
See note 21
mA
C
VDDEH4
——
C
VDDEH6
——
C
VDDEH7
——
C
VDDE7
——
C
VDDEH9
——
C
VDDE12
——
IACT_S
CC
C
Slow/medium I/O
weak pull up/down
current22
3.0 V – 3.6 V
15
—
95
μA
C
4.5 V – 5.25 V
35
—
200
IACT_F
CC
C
Fast I/O weak pull
up/down current22
1.62 V – 1.98 V
36
—
120
μA
C
2.25 V – 2.75 V
34
—
139
C
3.0 V – 3.6 V
42
—
158
IACT_MV_PU
CC
C
Multi-voltage pad
weak pullup current
VDDE=3.0–3.6 V
9,
pad_multv_hv,
all process
corners,
high swing mode
only
20
—
75
μA
C
4.5 V – 5.25 V
25
—
175
IACT_MV_PD
CC
C
Multivoltage pad
weak pulldown
current
VDDE=3.0–3.6 V
9,
pad_multv_hv,
all process
corners,
high swing mode
only
10
—
60
μA
C
4.5 V – 5.25 V
25
—
200
IINACT_D
CC
C
I/O input leakage
current23
—
–2.5
—
2.5
μA
IIC
SR
C
DC injection current
(per pin)
—
–1.0
—
1.0
mA
IINACT_A
SR
C
Analog input current,
channel off, AN[0:7],
AN38, AN3924
—
–250
—
250
nA
C
Analog input current,
channel off, all other
analog pins (ANX)24
—
150
—
150
Table 19. DC electrical specifications1 (continued)
Symbol
C
Parameter
Conditions
Value2
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com