Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5632MF0MMGA8 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # PPC5632MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5632MF0MMGA8 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button PPC5632MF0MMGA8 Datasheet HTML 77Page - Freescale Semiconductor, Inc PPC5632MF0MMGA8 Datasheet HTML 78Page - Freescale Semiconductor, Inc PPC5632MF0MMGA8 Datasheet HTML 79Page - Freescale Semiconductor, Inc PPC5632MF0MMGA8 Datasheet HTML 80Page - Freescale Semiconductor, Inc PPC5632MF0MMGA8 Datasheet HTML 81Page - Freescale Semiconductor, Inc PPC5632MF0MMGA8 Datasheet HTML 82Page - Freescale Semiconductor, Inc PPC5632MF0MMGA8 Datasheet HTML 83Page - Freescale Semiconductor, Inc PPC5632MF0MMGA8 Datasheet HTML 84Page - Freescale Semiconductor, Inc PPC5632MF0MMGA8 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
81
3.10
Oscillator and PLLMRFM electrical characteristics
Table 24. PLLMRFM electrical specifications1
(VDDPLL =1.14 V to 1.32 V, VSS = VSSPLL = 0 V, TA = TL to TH)
Symbol
C
Parameter
Conditions
Value
Unit
min
max
fref_cryst
al
fref_ext
CC
C
PLL reference frequency range2
Crystal reference
4
20
MHz
C
External reference
4
80
fpll_in
CC
C
Phase detector input frequency range
(after pre-divider)
—4
16
MHz
fvco
CC
C
VCO frequency range3
—4
512
MHz
fsys
CC
C
On-chip PLL frequency2
—16
80
MHz
fsys
CC
C
System frequency in bypass mode4
Crystal reference
4
20
MHz
C
External reference
0
80
tCYC
CC
C
System clock period
—
—
1 / fsys
ns
fLORL
fLORH
CC
C
Loss of reference frequency window5
Lower limit
1.6
3.7
MHz
C
Upper limit
24
56
fSCM
CC
C
Self-clocked mode frequency 6,7
—1.2
75
MHz
CJITTER
CC
C
CLKOUT
period
jitter8,9,10,11
Peak-to-peak (clock
edge to clock edge)
fSYS maximum
–5
5
% fCLKOUT
C
Long-term jitter (avg.
over 2 ms interval)
–6
6
ns
tcst
CC
C
Crystal start-up time 12, 13
——
10
ms
VIHEXT
CC
C
EXTAL input high voltage
Crystal Mode14,
0.8
≤Vxtal≤1.5V15
Vxtal +
0.4
—V
C
External
Reference14, 16
VRC33/
2 + 0.4
VRC33
VILEXT
CC
C
EXTAL input low voltage
Crystal Mode14,
0.65
≤Vxtal≤1.25V15
—
Vxtal
– 0.4
V
C
External
Reference14, 16
0VRC33
/2 –
0.4
—
CC
C
XTAL load capacitance12
—
5
30
pF
tlpll
CC
C
PLL lock time 12, 17
——
200
μs
tdc
CC
C
Duty cycle of reference
—40
60
%
fLCK
CC
C
Frequency LOCK range
—
–6
6
% fsys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com