Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548CVTAQG Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC8548CVTAQG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548CVTAQG Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC8548CVTAQG Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
67
High-Speed Serial Interfaces (HSSI)
outputs prior to AC-coupling. Its value could be ranged from 140 to 240
Ω depending on the clock driver
vendor’s requirement. R2 is used together with the SerDes reference clock receiver’s 50-
Ω termination
resistor to attenuate the LVPECL output’s differential peak level such that it meets the MPC8548E SerDes
reference clock’s differential input amplitude requirement (between 200 and 800 mV differential peak).
For example, if the LVPECL output’s differential peak is 900 mV and the desired SerDes reference clock
input amplitude is selected as 600 mV, the attenuation factor is 0.67, which requires R2 = 25
Ω. Consult a
clock driver chip manufacturer to verify whether this connection scheme is compatible with a particular
clock driver chip.
Figure 45. AC-Coupled Differential Connection with LVPECL Clock Driver (Reference Only)
Figure 46 shows the SerDes reference clock connection reference circuits for a single-ended clock driver.
It assumes the DC levels of the clock driver are compatible with the MPC8548E SerDes reference clock
input’s DC requirement.
Figure 46. Single-Ended Connection (Reference Only)
SD_REF_CLK
SD_REF_CLK
Clock Driver
100
Ω Differential PWB Trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
CLK_Out
LVPECL CLK Driver Chip
R2
R2
MPC8548E
10 nF
10 nF
CLK_Out
CLK_Out
R2
R2
R1
Clock Driver
50
Ω
50
Ω
R1
SD_REF_CLK
SD_REF_CLK
100
Ω Differential PWB Trace
Clock Driver
CLK_Out
Single-Ended CLK
Driver Chip
MPC8548E
33
Ω
Total 50
Ω. Assume clock driver’s
output impedance is about 16
Ω.
50
Ω
SerDes Refer.
CLK Receiver
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com