Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSD3C5-64-R1-XX-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSD3C5-64-R1-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.31 Inch)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD3C5-64-R1-XX-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD3C5-64-R1-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD3C5-64-R1-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD3C5-64-R1-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD3C5-64-R1-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD3C5-64-R1-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD3C5-64-R1-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD3C5-64-R1-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD3C5-64-R1-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD3C5-64-R1-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2.0X4=8.0
(0.315")
11.0
(0.433")
8.0
(0.31")
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
0.45
TYP
PIN 5
7.4
±0.5
4.88(0.19")
1.0(0.039")
PIN 6
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
7.0(0.276")
LSD3C5/64/R1-XX-PF
Package Dimensions
LSD3C5/64/R1-XX-PF
PIN NO.1
PIN 1
LIGITEK
PART NO.
PIN 10
5.0(0.197")
Page 1/8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com