Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSR9553/T/TR1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSR9553/T/TR1
Description  SURFACE MOUNT TAPE AND REEL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR9553/T/TR1 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSR9553/T/TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR9553/T/TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR9553/T/TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR9553/T/TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR9553/T/TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR9553/T/TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSR9553/T/TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSR9553/T/TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
℃)
Red
Emitted
LSR9553/T/TR1
GaAlAs
PART NO
MATERIAL
Luminous
intensity
@2mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@2mA(V)
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
Water Clear
660
20
Lens
COLOR
2.0
1.5
5.0
120
10
Typ.
Max.
Min.
Min.
Operating Temperature
Storage Temperature
Power Dissipation
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Forward Current
-40 ~ +85
-40 ~ +100
Tstg
Topr
℃
℃
100
10
100
30
PD
Ir
IFP
IF
mW
μA
mA
mA
Absolute Maximum Ratings at Ta=25
℃
Parameter
Absolute Maximum Ratings
SR
Symbol
UNIT
Page 3/7
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LSR9553/T/TR1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com