Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSRF2041-PF/TBF-X Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSRF2041-PF/TBF-X
Description  TAPE AND BOX TYPE LED LAMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF2041-PF/TBF-X Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSRF2041-PF/TBF-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF2041-PF/TBF-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF2041-PF/TBF-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF2041-PF/TBF-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF2041-PF/TBF-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF2041-PF/TBF-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF2041-PF/TBF-X Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSRF2041-PF/TBF-X Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3/7
H
0.65
0.83
0.61
0.51
0.91
0.89
0.78
0.83
0.77
0.89
1.04
0.83
0.96
0.23
0.08
0.17
inch
W
L
Overall Length
L
330
13.0
340
13.4
LSRF2041-PF/TBF-X
Overall Thickness
Overall Width
Part No.
2500PCS
Quantity/Box
50
H
1.97
265
W
10.4
60
2.4
275
10.8
Symbol
REMARK:TBF = Tape And Box Forming Leads
Dimensions Symbol Information
•
Center Of Component Location
Overall Taped Package Thickness
Feed Hole To Overall Component Height
Lead Length After Component Height
Description
Adhesive Tape Position
Tape Width
Adhesive Tape Width
Lead Location
Feed Hole Location
Feed Hole Pitch
Package Dimensions
•
Specification
minimum
mm
inch
maxmum
mm
inch
-------
W3
-------
-------
W2
W1
0.69
17.5
0
14.5
0
0.57
19
0.75
4.0
15.5
0.16
-------
L
P2
-------
-------
-------
W0
T
-------
-------
P1
P
TBF-11
-------
TBF-12
H2
TBF-8
TBF-10
W0
0.43
11
0.2
5.1
8.5
-------
-------
0.33
3.15
12.4
0.12
0.49
7.7
0.3
9.75
1.42
0.38
0.06
4.55
13
0.18
0.94
24.0
-------
21.0
0.83
-------
20.0
18.8
0.74
0.79
26.0
1.02
36
23.0
1.42
22.5
19.8
Height Of Seating Plane
Feed Hole To Bottom Of Component
Tape Feed Hole Diameter
Dimension Symbol Information
•
SYMBOL ITEMS
Component Lead Pitch
Front-To-Rear Deflection
TBF-2
TBF-5
TBF-6
TBF-7
H1
TBF-4
TBF-3
-------
△
H
-------
TBF-1
H
-------
-------
F
D
0.75
19.0
21.0
0.85
21.5
20.2
17.125
0.8
0.67
25.5
22.5
0.89
1.0
22.5
21.125
21.2
26.5
24.5
-------
-------
15.5
17.5
0.61
0.69
4.8
3.8
0.15
0.19
2.0
16.5
19.5
5.8
4.2
SYMBOL
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
OPTION
CODE
Page
SPECIFICATIONS
Minimum
mm
inch
Maximum
mm
PART NO. LSRF2041-PF/TBF-X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com