Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSRG3392/R6-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSRG3392/R6-PF
Description  DURL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRG3392/R6-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRG3392/R6-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRG3392/R6-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRG3392/R6-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRG3392/R6-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRG3392/R6-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRG3392/R6-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRG3392/R6-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
℃
-40 ~ +85
Operating Temperature
Topr
Viewing
angle
2
θ 1/2
(deg)
Peak
wave
length
λPnm
LSRG3392/R6-PF
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
565
GaP
Green
Red
Emitted
GaAlAs
White Diffused
660
Lens
2.6
1.7
21
42
70
30
Max.
20
1.5
2.4
Min.
70
90
160
Typ.
Min.
Typical Electrical & Optical Characteristics (Ta=25
℃)
MATERIAL
PART NO
COLOR
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Luminous
intensity
@20mA(mcd)
Storage Temperature
Tstg
-40 ~ +100
℃
2/6
Page
15
mA
30
Forward Current
IF
Reverse Current @5V
Ir
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PD
IFP
10
μA
100
50
100
80
mW
mA
Absolute Maximum Ratings at Ta=25
℃
Parameter
Symbol
G
SR
Ratings
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LSRG3392/R6-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com