Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSDL-3602 Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # HSDL-3602
Description  IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3602 Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button HSDL-3602 Datasheet HTML 9Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 10Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 11Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 12Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 13Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 14Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 15Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 16Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 17Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
The reflow profile is a straight-line representation of
a nominal temperature profile for a convective reflow
solder process. The temperature profile is divided into
four process zones, each with different ∆T/∆time tem-
perature change rates. The ∆T/∆time rates are detailed
in the following table. The temperatures are measured
at the component to printed circuit board connections.
In process zone P1, the PC board and HSDL-3602 cas-
tellation pins are heated to a temperature of 160°C to
activate the flux in the solder paste. The temperature
ramp up rate, R1, is limited to 4°C per second to allow
for even heating of both the PC board and HSDL-3602
castellations.
Process zone P2 should be of sufficient time duration
(60 to 120 seconds) to dry the solder paste. The tem-
perature is raised to a level just below the liquidus point
of the solder, usually 200°C (392°F).
Process zone P3 is the solder reflow zone. In zone P3, the
temperature is quickly raised above the liquidus point
of solder to 255°C (491°F) for optimum results. The
dwell time above the liquidus point of solder should
Maximum
Process Zone
Symbol
∆T
∆T/∆time
Heat Up
P1, R1
25˚C to 160˚C
4˚C/s
Solder Paste Dry
P2, R2
160˚C to 200˚C
0.5˚C/s
Solder Reflow
P3, R3
200˚C to 255˚C
4˚C/s
(260˚C at 10 seconds max.)
P3, R4
255˚C to 200˚C
–6˚C/s
Cool Down
P4, R5
200˚C to 25˚C
–6˚C/s
Recommended Reflow Profile
be between 20 and 60 seconds. It usually takes about
20 seconds to assure proper coalescing of the solder
balls into liquid solder and the formation of good solder
connections. Beyond a dwell time of 60 seconds, the
intermetallic growth within the solder connections be-
comes excessive, resulting in the formation of weak and
unreliable connections. The temperature is then rapidly
reduced to a point below the solidus temperature of
the solder, usually 200°C (392°F), to allow the solder
within the connections to freeze solid.
Process zone P4 is the cool down after solder freeze. The
cool down rate, R5, from the liquidus point of the solder
to 25°C (77°F) should not exceed 6°C per second maxi-
mum. This limitation is necessary to allow the PC board
and HSDL-3602 castellations to change dimensions
evenly, putting minimal stresses on the HSDL-3602
transceiver.
0
t-TIME (SECONDS)
230
200
160
120
80
50
150
100
200
250
300
180
220
255
P1
HEAT
UP
P2
SOLDER PASTE DRY
P3
SOLDER
REFLOW
P4
COOL
DOWN
25
R1
R2
R3
R4
R5
60 sec.
MAX.
ABOVE
220 C
MAX. 260 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com