Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSDL-3612 Datasheet(PDF) 21 Page - Lite-On Technology Corporation

Part # HSDL-3612
Description  IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3612 Datasheet(HTML) 21 Page - Lite-On Technology Corporation

Back Button HSDL-3612 Datasheet HTML 17Page - Lite-On Technology Corporation HSDL-3612 Datasheet HTML 18Page - Lite-On Technology Corporation HSDL-3612 Datasheet HTML 19Page - Lite-On Technology Corporation HSDL-3612 Datasheet HTML 20Page - Lite-On Technology Corporation HSDL-3612 Datasheet HTML 21Page - Lite-On Technology Corporation HSDL-3612 Datasheet HTML 22Page - Lite-On Technology Corporation HSDL-3612 Datasheet HTML 23Page - Lite-On Technology Corporation HSDL-3612 Datasheet HTML 24Page - Lite-On Technology Corporation HSDL-3612 Datasheet HTML 25Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
2.0 Y-axis Misalignment of Castellation
IntheY-direction,theunitdoesnotself-alignaftersol-
derreflow.Itisrecommendedthattheunitbeplacedin
linewiththefiducialmark(mid-lengthoflandpad).This
willenablesufficientlandlength(minimumof1/2land
length)toformagoodjoint.SeeFigure2.
Figure 2. Section of a castellation in Y-axis.
Y
1/2 THE LENGTH OF THE
CASTELLATION PAD
FIDUCIAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com