Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLP112 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP112
Description  Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP112 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP112 Datasheet HTML 1Page - Toshiba Semiconductor TLP112 Datasheet HTML 2Page - Toshiba Semiconductor TLP112 Datasheet HTML 3Page - Toshiba Semiconductor TLP112 Datasheet HTML 4Page - Toshiba Semiconductor TLP112 Datasheet HTML 5Page - Toshiba Semiconductor TLP112 Datasheet HTML 6Page - Toshiba Semiconductor TLP112 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP112
2002-09-25
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo−IC
TLP112
Digital Logic Isolation
Line Receiver
Switching Power Supply Feedback Control
Transistor Invertor
The TOSHIBA mini flat coupler TLP112 is a small outline coupler,
suitable for surface mount assembly.
TLP112 consists of a GaAℓAs light emitting diode, optically coupled to a
high speed detector of one chip photodiode−transistor.
l Isolation voltage: 2500 Vrms (min.)
l Switching speed: tpHL = 0.8µs, tpLH = 2 µs(max.)
(RL = 4.1 kΩ)
l TTL compatible
l UL recognized: UL1577, file no. E67349
Pin Configuration (top view)
1 : ANODE
3 : CATHODE
4 : EMITTER (GND)
5 : COLLECTOR (OUTPUT)
6 : VCC
1
3
4
5
6
Schematic
VCC
GND
VO
ICC
IO 6
5
4
1
3
IF
VF
TOSHIBA
11−4C2
Weight: 0.09g
Unit in mm


Similar Part No. - TLP112

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112 Datasheet
189Kb / 7P
Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP112A TOSHIBA-TLP112A Datasheet
188Kb / 7P
Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A Datasheet
161Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
More results

Similar Description - TLP112

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP114A TOSHIBA-TLP114A Datasheet
159Kb / 7P
Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP559 TOSHIBA-TLP559 Datasheet
254Kb / 5P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP651 TOSHIBA-TLP651 Datasheet
322Kb / 7P
DIGITAL LOGIC GROUND ISOLATION LINE RECEIVER
TLP759F TOSHIBA-TLP759F Datasheet
113Kb / 2P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP2531F TOSHIBA-TLP2531F Datasheet
188Kb / 8P
Digital Logic Isolation Line Receiver Power Supply Control Switching Power Supply Transistor Inverter
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com