Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

40ST1038AX Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST1038AX
Description  40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST1038AX Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST1038AX Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: 40ST1038AX DATA SHEET
Feature
l
IEEE 802.3 Ethernet compatible, 100 BASE-TX.
l
Surface mountable.
l
Design for multi-port repeater and Ethernet switching
Hub application.
l
Customer designs available for specific application.
l
Operating temperature range : 0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1V
with 8mA/DC Bias
HI-POT
(Vrms)
40ST1038AX
1:0.85
1:0.85
350
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
CMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
30-60MHz
60-80MHz
0.3-60MHz
60-100MHz
1-30MHz
30-60MHz
40ST1038AX
-1.0
-16
-12
-10
-40
-35
-40
-30
Schematic
Mechanical
Bothhandusa.com
40 PIN SMD ETHERNET 10/100 BASE QUAD
PORT TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - 40ST1038AX

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1011L BOTHHAND-40ST1011L Datasheet
69Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1021 BOTHHAND-40ST1021 Datasheet
224Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021 BOTHHAND-40ST1021 Datasheet
197Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021A BOTHHAND-40ST1021A Datasheet
203Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021A BOTHHAND-40ST1021A Datasheet
307Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
More results

Similar Description - 40ST1038AX

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1011L BOTHHAND-40ST1011L Datasheet
69Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041B BOTHHAND-40ST1041B Datasheet
40Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041C BOTHHAND-40ST1041C Datasheet
40Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041D BOTHHAND-40ST1041D Datasheet
42Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041EX-1 BOTHHAND-40ST1041EX-1 Datasheet
223Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041L BOTHHAND-40ST1041L Datasheet
42Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1053B BOTHHAND-40ST1053B Datasheet
41Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1076 BOTHHAND-40ST1076 Datasheet
41Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1045 BOTHHAND-40ST1045 Datasheet
288Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1064 BOTHHAND-40ST1064 Datasheet
216Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com