Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H5PLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # H5PLF
Description  10/100 BASE-T FIVE PORT MAGNETICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

H5PLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  H5PLF Datasheet HTML 1Page - Bothhand USA, LP. H5PLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page : 1/2
P/N: H5P LF DATA SHEET
Feature
Designed for Ethernet 10/100 BASE-T, full Five port
applications.
Supports 16 pairs of category 5 UTP cable.
Cable interface for isolation and low common mode
emissions.
Compliant with IEEE 802.3ab standard for 10/100 BASE-T.
Lead free for external pins.
Operating temperature range: 0℃ to +70℃.
Storage temperature range: -25℃ to +105℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation
(dB Min)
Part
Number
TX
RX
30MHz
60MHz
100MHz
HI-POT
(Vrms)
H5P LF
1CT:1CT
1CT:1CT
-40
-35
-30
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)@ Load 100Ω
CMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
40MHz
50MHz
60-80MHz
100MHz
1-30MHz
30-60MHz 60-125MHz
H5P LF
-1.0
-18
-14.4
-13.1
-12
-10
-35
-30
-25
Schematic
Bothhandusa.com
10/100 BASE –T FIVE PORT MAGNETICS
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - H5PLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
H5P BOTHHAND-H5P Datasheet
332Kb / 2P
10/100 BASE-T FIVE PORT MAGNETICS
logo
HellermannTyton.
H5P-N66-NA-M1 HELLERMANNTYTON-H5P-N66-NA-M1 Datasheet
322Kb / 3P
Plastic P-Clips
logo
List of Unclassifed Man...
H5P-SHF-AA ETC2-H5P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
logo
Bothhand USA, LP.
H5PN BOTHHAND-H5PN Datasheet
276Kb / 1P
FIVE PORT 10/100 BASE-TX MAGNETICS
H5PNLF BOTHHAND-H5PNLF Datasheet
252Kb / 1P
FIVE PORT 10/100 BASE-TX MAGNETICS
More results

Similar Description - H5PLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
12ST6121C BOTHHAND-12ST6121C Datasheet
67Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
G5P109LF BOTHHAND-G5P109LF Datasheet
113Kb / 2P
1000 BASE -T FIVE PORT MAGNETICS MODULES
H5PNLF BOTHHAND-H5PNLF Datasheet
252Kb / 1P
FIVE PORT 10/100 BASE-TX MAGNETICS
H5PN BOTHHAND-H5PN Datasheet
276Kb / 1P
FIVE PORT 10/100 BASE-TX MAGNETICS
H5PNX BOTHHAND-H5PNX Datasheet
278Kb / 1P
FIVE PORT 10/100 BASE-TX MAGNETICS
H5P BOTHHAND-H5P Datasheet
332Kb / 2P
10/100 BASE-T FIVE PORT MAGNETICS
H8PNX BOTHHAND-H8PNX Datasheet
365Kb / 2P
10/100 BASE-T EIGHT PORT MAGNETICS
logo
Rhombus Industries Inc.
T-18205 RHOMBUS-IND-T-18205 Datasheet
21Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
10/31/01
logo
Dongguan Xinkang Electr...
BD72A27 TNK-BD72A27 Datasheet
110Kb / 1P
100 Base-T FIVE port transformer Module
logo
VITALCONN ELECTRONICS H...
TH20011D VITALCONN-TH20011D Datasheet
342Kb / 1P
Dual Port 10/100 BASE-T MAGNETICS MODULES
2022/01/10 (REV: A2)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com