Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX85 Datasheet(PDF) 3 Page - Jinan Jingheng (Group) Co.,Ltd

Part # BZX85
Description  SILICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

BZX85 Datasheet(HTML) 3 Page - Jinan Jingheng (Group) Co.,Ltd

  BZX85 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd BZX85 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd BZX85 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd BZX85 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Zener Voltage range 1)
2)
BZV 85/C 39
37...41
39
<50
BZX 85/C 43
BZX 85/C 47
BZX 85/C 51
BZX 85/C 56
BZX 85/C 62
BZX 85/C 68
BZX 85/C 75
BZX 85/C 82
BZX 85/C 91
BZX 85/C 100
BZX 85/C 110
BZX 85/C 120
BZX 85/C 130
BZX 85/C 150
BZX 85/C 160
BZX 85/C 180
BZX 85/C 200
Note 1) Tested with pulse tp=20ms
2) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case
40...46
43
6
4
2.7
2
1.5
<120
<115
<90
<125
<135
<135
44...50
47
48...54
51
52...60
56
58...66
62
64...72
68
75
77...87
82
<200
85...96
91
<250
<2000
<1500
94...106
100
<350
<3000
<4000
<6500
<7000
104...116
110
<450
114...127
120
<4500
<5000
<6000
62
56
51
47
43
39
36
33
30
124...141
130
68
75
138...156
0.06...0.095
0.07...0.10
0.07...0.11
150
<1000
<700
<550
82
153...171
160
<1100
91
168...191
<1200
<0.5
100
188...212
<1500
<8000
110
120
180
130
200
<1000
150
VZNOM
Ifor V
ZT
ZT
V
V
V
mA
A
mA
%/K
TKVZ
Iat V
RR
2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com