Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B65511 Datasheet(PDF) 2 Page - EPCOS

Part # B65511
Description  Ferrites and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65511 Datasheet(HTML) 2 Page - EPCOS

  B65511_06 Datasheet HTML 1Page - EPCOS B65511_06 Datasheet HTML 2Page - EPCOS B65511_06 Datasheet HTML 3Page - EPCOS B65511_06 Datasheet HTML 4Page - EPCOS B65511_06 Datasheet HTML 5Page - EPCOS B65511_06 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ Delivery mode: sets
Magnetic characteristics (per set)
Σl/A= 1.43 mm–1
le
= 10 mm
Ae
= 7 mm2
Ve
= 70 mm3
Approx. weight 0.5 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
µ
e
Ordering code
-A with center hole
K1
25
±3%
0.23
28
B65511A0025A001
M33
63
±3%
0.13
72
B65511A0063A033
N48
100
±3%
0.10
114
B65511A0100A048
Material
AL value
nH
µ
e
Ordering code
-A with center hole
N48
1000 +40/–30%
1140
B65511A0000Y048
N30
2000 +40/–30%
2270
B65511A0000Y030
FPK0040-A
5,45 0,4
_
ø1,4+0,05
ø3 0,1
_
B65511
Core
P 7
× 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com