Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7548T Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7548T
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7548T Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7548T Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
ST7548T
Ver 1.2
21/50
2006/03/16
DISPLAY DATA RAM (DDRAM)
The ST7548T contains a 66X102 bit static RAM that stores the display data. The display data RAM store the dot data for
the LCD. It has a 66(8 pageX8 bit +1 pageX1 bit +1 pageX1 bit) X 102 . There is a direct correspondence between
X-address and column output number. It is 66-row by 102-column addressable array. Each pixel can be selected when the
page and column addresses are specified. The 65 rows are divided into 8 pages of 8 lines (0~63 COM) and 8th page with
single line (D0) (64COM) and 9th page with a single line (D0) (COMS for ICON). Data is read from or written to the 8 lines
of each page directly through D0 to D7. The display data of D0 to D7 from the microprocessor correspond to the LCD
common lines. The microprocessor can read from and write to RAM through the I/O buffer. Since the LCD controller
operates independently, data can be written into RAM at the same time as data is being displayed without causing the LCD
flicker.
Page Address Circuit
This circuit is for providing a Page Address to Display Data RAM. It incorporates 4-bit Page Address register changed by
only the “Set Page” instruction. Page Address 9 is a special RAM area for the icons and display data D0 is only valid.
Line Address Circuit
This circuit assigns DDRAM a Line Address corresponding to the first line (COM0) of the display. Therefore, by setting Line
Address repeatedly, it is possible to realize the screen scrolling and page switching without changing the contents of
on-chip RAM as shown in figure 10. It incorporates 7-bit Line Address register changed by only the initial display line
instruction and 7-bit counter circuit. At the beginning of each LCD frame, the contents of register are copied to the line
counter which is increased by CL signal and generates the line address for transferring the 102-bit RAM data to the display
data latch circuit. When icon is selected by setting icon page address, display data of icons are not scrolled because the
MPU cannot access Line Address of icons.
Column Address Circuit
Column Address Circuit has an 8-bit preset counter that provides Column Address to the Display Data RAM. The display
data RAM column address is specified by the Column Address Set command. The specified column address is
incremented (+1) with each display data read/write command. This allows the MPU display data to be accessed
continuously.
Register MX and MY selection instruction makes it possible to invert the relationship between the Column Address and the
segment outputs. It is necessary to rewrite the display data on built-in RAM after issuing MX select instruction.
SEG Output
SEG Output
MX
SEG0
SEG101
“0”
seg0
à
Segment Address à seg101
“1”
seg101 ß Segment Address ß seg0
ADDRESSING
Data is downloaded in bytes into the RAM matrix of ST7548T. The display RAM has a matrix of 66 by 102 bits. The
address pointer addresses the columns. The address ranges are: X 0 to 101 (1100101),Y 0 to 9 (1001) .Addresses outside
these ranges are not allowed.In vertical addressing mode (V=1) the Y address increments after each byte. After the last Y
address (Y = 8), Y wraps around to 0 and X increments to address the next column.In horizontal addressing mode (V=0)
the X address increments after each byte. After the last X address(X = 101) X wraps around to 0 and Y increments to
address the next row.After the very last address (X = 101, Y = 8) the address pointers wrap around to address (X = 0, Y =0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com