Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTP-2157AKR Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTP-2157AKR
Description  Property of Lite-On Only
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTP-2157AKR Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTP-2157AKR Datasheet HTML 1Page - Lite-On Technology Corporation LTP-2157AKR Datasheet HTML 2Page - Lite-On Technology Corporation LTP-2157AKR Datasheet HTML 3Page - Lite-On Technology Corporation LTP-2157AKR Datasheet HTML 4Page - Lite-On Technology Corporation LTP-2157AKR Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LITE-ON ELECTRONICS, INC.
Property of Lite-On Only
PART NO.: LTP-2157AKR
PAGE:
1 of 5
BNS-OD-C131/A4
FEATURES
*2.0 inch (50.8 mm) MATRIX HEIGHT.
*LOW POWER REQUIREMENT.
*SINGLE PLANE, WIDE VIEWING ANGLE.
*SOLID STATE RELIABILITY.
*5×7 ARRAY WITH X-Y SELECT.
*COMPATIBLE WITH USASCII AND EBCDIC CODES.
*STACKABLE HORIZONTALLY.
*CATEGORIZED FOR LUMINOUS INTENSITY.
DESCRIPTION
The LTP-2157AKR is a 2.0 inch (50.8 mm) matrix height 5×7
dot matrix display. This device utilizes AlInGaP Super Red LED
chips, which are made from AlInGaP on a non-transparent GaAs
substrate and has a gray face and white dot color.
DEVICE
PART NO.
DESCRIPTION
AlInAaP Super Red
LTP-2157AKR
Cathode Column
Anode Row


Similar Part No. - LTP-2157AKR

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTP-2157AKA LITEON-LTP-2157AKA Datasheet
162Kb / 5P
Property of Lite-On Only
LTP-2157AKD LITEON-LTP-2157AKD Datasheet
157Kb / 5P
Property of Lite-On Only
LTP-2157AKS LITEON-LTP-2157AKS Datasheet
138Kb / 5P
Property of Lite-On Only
LTP-2157AKY LITEON-LTP-2157AKY Datasheet
157Kb / 5P
Property of Lite-On Only
LTP-2157AKY-01 LITEON-LTP-2157AKY-01 Datasheet
114Kb / 5P
Property of Lite-On Only
More results

Similar Description - LTP-2157AKR

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com