Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CB3216PA310 Datasheet(PDF) 7 Page - SAMWHA ELECTRIC

Part # CB3216PA310
Description  BEADS, For Power Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB3216PA310 Datasheet(HTML) 7 Page - SAMWHA ELECTRIC

Back Button CB3216PA310 Datasheet HTML 3Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 4Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 5Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 6Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 7Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 8Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 9Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 10Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 11Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SAMWHA ELECTRONICS CO., LTD
v 3216 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
※
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
3000
0.06
600
CB3216PJ601
3000
0.03
90
CB3216PA900
3000
0.03
70
CB3216PA700
3000
0.03
120
CB3216PM121
3000
0.06
600
CB3216PK601
3000
0.06
500
CB3216PK501
3000
0.06
600
CB3216PA601
3000
0.06
600
CB3216PM601
3000
0.06
500
CB3216PA501
3000
0.06
300
CB3216PA301
3000
0.03
150
CB3216PA151
3000
0.03
120
CB3216PA121
3000
0.03
100
CB3216PA101
3000
0.03
60
CB3216PA600
3000
0.03
50
CB3216PA500
3000
0.03
35
CB3216PA350
100
3000
0.03
31
CB3216PA310
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
DPS-081104
CHIP BEADS, For Power Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com