Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESR0805680KL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # ESR0805680KL
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR0805680KL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  ESR0805680KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR0805680KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR0805680KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR0805680KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR0805680KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR0805680KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
350 m/m min.
Components
400 m/m min.
Outer : Carton
G.W. (Kg)
AR-001A
( 3 ) Q'TY & G.W. Per package
1000
Q'TY (pcs)
330
Series
ESR0805
13 - 16
Style
A
( 2 ) Dimensions
13 - 16
Style
G.W. (gw)
1300
Inner : Reel
6,000
Q'TY (pcs)
User direction of feed
13±0.5
21±0.8
BC
16
D
40 x 40 x 24
Size (cm)
10.5
+0
18
G
-0
50
N
Unit:m/m
22.4
T
Embossed carrier
Carrier tape width : D
※
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
C
∮
no component
Leader
End
4 m/m
P:12 m/m
100
100
100
100
100
G
2.0±0.5
SMD POWER INDUCTOR
Ⅵ﹒INDUCTANCE VS. DC CURRENT CURVE:
( 1 ) Configuration
NAME
PROD.
REF :
T
Trailer
no component
100
Start
D
Cover tape
ESR0805□□□□L□-□□□
PAGE: 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com