Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SB16082R2M2 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SB16082R2M2
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB16082R2M2 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SB16082R2M2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB16082R2M2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB16082R2M2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB16082R2M2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB16082R2M2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB16082R2M2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AE-001A
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
NAME
PROD.
REF :
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 2
SB1608□□□□2□-□□□
SMD POWER INDUCTOR
5).
t=15
rise typ. at Irms.
△℃
6). Electrical Specifications at 25 .
℃
1.0
( µH )
Inductance
±20%
2.2
4.7
6.8
3.3
1.5
10.0
15.0
33.0
22.0
68.0
150.0
100.0
47.0
680.0
470.0
330.0
1000.0
220.0
4). Inductance drop=10% typ. at rated Isat.
1). □:Packaging Information… A:Bulk B:Taping Reel
SB1608221M2□-□□□
SB1608331M2□-□□□
SB1608471M2□-□□□
SB1608681M2□-□□□
SB1608102M2□-□□□
3). Inductance Tested at 0.1V/100KHz
SB1608100M2□-□□□
SB1608150M2□-□□□
SB1608220M2□-□□□
SB1608330M2□-□□□
SB1608680M2□-□□□
SB1608101M2□-□□□
SB1608151M2□-□□□
SB1608470M2□-□□□
SB16081R0M2□-□□□
SB16082R2M2□-□□□
SB16083R3M2□-□□□
SB16084R7M2□-□□□
SB16086R8M2□-□□□
SB16081R5M2□-□□□
DWG No.
3.11
5.5
2
4
3
5
13.80
3.80
9.20
5.06
14
9
6
11
20
15
35
30
0.64
0.86
1.27
2.00
0.16
0.23
0.37
0.51
0.22
0.20
0.12
0.07
0.15
0.16
0.10
0.16
0.14
0.18
0.80
0.60
0.50
1.10
1.00
0.25
0.30
0.40
0.50
0.31
0.27
0.40
0.70
0.58
0.90
1.10
( MHz )
typ.
115
70
50
45
90
130
SRF
0.05
0.07
0.08
0.09
0.13
0.05
( Ω )
RDC
max.
2.90
1.50
1.40
2.80
2.00
2.40
( A )
Irms
2.60
2.00
1.20
1.50
2.30
( A )
2.90
Isat
DC Current (mA)
@ Inductance VS. DC Current Curve
101
0
10
1
7
5
10
2
3
2
5
7
1R0
35
10
7
2
100
2
2
3
7
5
10
2
3
10
7
5
3
101
102
10
23
5 7
3
23
5
10
7
4
2)."-
":Reference code
□ □
□



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com