Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B85121A2103C160 Datasheet(PDF) 10 Page - EPCOS

Part # B85121A2103C160
Description  EMC filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85121A2103C160 Datasheet(HTML) 10 Page - EPCOS

Back Button B85121A2103C160 Datasheet HTML 6Page - EPCOS B85121A2103C160 Datasheet HTML 7Page - EPCOS B85121A2103C160 Datasheet HTML 8Page - EPCOS B85121A2103C160 Datasheet HTML 9Page - EPCOS B85121A2103C160 Datasheet HTML 10Page - EPCOS B85121A2103C160 Datasheet HTML 11Page - EPCOS B85121A2103C160 Datasheet HTML 12Page - EPCOS B85121A2103C160 Datasheet HTML 13Page - EPCOS B85121A2103C160 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
1-line filter components
B85111A*B500
∅ 24 mm, 50 A
Feedthrough capacitors
Feedthrough capacitors
∅ 24 mm, housing with external screw thread
Technical data and measuring conditions
Rated voltage VR
250 V AC, 50/60 Hz
600 V DC
Rated current IR
Referred to 40
°C ambient temperature
Reduced current values at 400 Hz
Capacitance tolerance
±20%
Climatic category (IEC 60068-1)
40/085/56 (–40
°C/+85 °C/56 days damp heat test)
Screw cap fixing
M24
× 1.5
Approvals
UL 1283, 250 V
Characteristics and ordering code
I R
A
CR
µF
VR
V AC
VR
V DC
Vtest
V DC
Terminal
Ordering code
Approvals
50
0.05
250
600
3000
M6
B85111A2503B500
×
× = approval granted
Insertion loss (dB); typical values at 50
Ω
CR (µF)
10 kHz
100 kHz
1 MHz
10 MHz
100 MHz
> 300 MHz
0.05
–
2
18
35
60
> 90
Dimensional drawing
86 _0.5
14±0.2
15 min.
20±2
1.1
26.3 _
9 _0.6
45 _0.5
A/F 27
SSB2036-R-E
Thread
Tightening torque
M6
3 +0.5 Nm
M24
× 1.5 12 +1.5 Nm
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com