Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH2016101YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SH2016101YL
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH2016101YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SH2016101YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH2016101YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH2016101YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH2016101YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH2016101YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH2016101YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REF :
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
AR-001A
POWER INDUCTOR
SHIELDED SMD
4). Irms base on Temp. rise 40
max.
℃
5). Isat base on
L / LOA=35% typ.
△
SH2016220YL□
SH2016100YL□
SH2016150YL□
SH20166R0YL□
SH20164R7YL□
22.0 ± 30 %
15.0 ± 30 %
10.0 ± 30 %
6.0 ± 30 %
4.7 ± 30 %
SH20163R0YL□
SH20162R2YL□
SH20161R0YL□
DWG No.
1.0 ± 30 %
3.0 ± 30 %
2.2 ± 30 %
Inductance
( µH )
1720
830
1170
470
370
12
12
2.52
2.52
9
9
9
7.96
2.52
7.96
25
30
1320
900
50
40
70
360
640
285
400
550
480
720
800
520
610
720
780
1000
260
215
max.
105
( mΩ )
RDC
7.96
8
8
9
7.96
7.96
Test Freq.
Q
ref.
( MHz )
80
175
110
80
165
200
( MHz )
typ.
SRF
typ.
900
1100
( mA )
Irms
max.
1450 2300
1250
1650
( mA )
Isat
typ.
1).
:
Packaging Information… A:Bulk B:Taping Reel
3). Inductance Test Freq. :100KHz /0.1V
SH2016330YL□
33.0 ± 30 %
2600
12
2.52
20
2000
325
390
SH2016470YL□
47.0 ± 30 %
12
2.52
15
250
300
SH2016680YL□
68.0 ± 30 %
15
2.52
12
150
270
SH2016101YL□
100.0 ± 30 %
15
0.796
10
100
230
3900
3000
5800
4450
9100
7000
Marking
J
H
I
G
F
E
C
A
K
L
M
N
@ Inductance VS. DC Current Curve
10
0.1
0.01
1
100
1000
10
DC Current ( A )
0.1
1R0
1
100
101
□
□□
2)."-
":Reference code
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SH2016□□□□L□-□□□
20070101-A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com