Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH40183R3YL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SH40183R3YL
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH40183R3YL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SH40183R3YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH40183R3YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH40183R3YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH40183R3YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH40183R3YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH40183R3YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SH40183R3YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
NAME
PROD.
REF : 20090506-B
PAGE: 3
P:8 m/m
( 3 ) Q'TY & G.W. Per package
Outer : Carton
Q'TY (pcs)
SH4018
Series
8.20
32,000
135
07 - 12
800
Style
G.W. (gw)
Inner : Reel
Q'TY (pcs)
G.W. (Kg)
42 x 41 x 24
Size (cm)
A
178
07 - 12
Style
( 2 ) Dimensions
14
+0
12
21±0.8
13
B
C
DG
16.5
-0
50
NT
Unit:m/m
End
4 m/m
Start
Ⅵ﹒PACKAGING INFORMATION:
6R8
SHIELDED SMD
POWER INDUCTOR
6R8
6R8
6R8
AR-001A
Components
200 m/m min.
400 m/m min.
User direction of feed
no component
Leadr
Trailer
no component
SH4018□□□□L□-□□□
SH4018
10.30
40,000
170
07 - 12
1,000
42 x 41 x 24
Carrier tape width : D
※
G
C
∮
2.0±0.5
( 1 ) Configuration
T
Embossed carrier
D
Cover tape



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com