Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL100522NJL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SL100522NJL
Description  WOUND CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SL100522NJL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SL100522NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SL100522NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SL100522NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SL100522NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SL100522NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SL100522NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1). □:Packging Information… A:Bulk B:Taping Reel
56.0± 5%
47.0± 5%
82.0± 5%
100.0± 5%
68.0± 5%
39.0± 5%
AR-001A
2)."-
":Reference code
□
□
□
SL100547NJL□
SL100556NJL□
SL100582NJL□
SL1005R10JL□
SL100568NJL□
SL100539NJL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
100
100
100
100
100
100
8
8
8
8
8
8
100
100
100
100
100
100
4.00
1500
1200
1400
5.50
4.50
1800
1500
1800
2.10
2.50
1.70
120
90
110
140
130
150
5.6± 0.3
4.7± 0.3
2.2± 0.3
3.3± 0.3
2.7± 0.3
3.9± 0.3
1.5± 0.3
1.8± 0.3
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
33.0± 5%
27.0± 5%
22.0± 5%
18.0± 5%
15.0± 5%
12.0± 5%
10.0± 5%
8.2± 5%
6.8± 5%
1.2± 0.3
1.0± 0.3
( nH )
Inductance
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
-□□□
SL10052N2DL□
SL100533NJL□
SL100527NJL□
SL100522NJL□
SL100518NJL□
SL100515NJL□
SL100512NJL□
SL100510NJL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SL10058N2JL□
SL10056N8JL□
SL10055N6DL□
SL10054N7DL□
SL10053N9DL□
SL10053N3DL□
SL10052N7DL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SL10051N8DL□
SL10051N5DL□
SL10051N2DL□
SL10051N0DL□
DWG No.
-□□□
-□□□
-□□□
-□□□
NAME
PROD.
REF :
100
400
0.09
6000
100
8
100
100
100
100
100
100
100
8
8
8
8
8
8
8
100
100
100
100
100
100
100
100
100
100
100
100
100
100
8
8
8
8
8
8
8
100
100
100
100
100
100
100
0.70
2200
1800
1800
2000
1.20
1.40
0.80
2800
2500
2800
0.45
0.60
0.41
240
200
170
200
320
240
320
0.17
4800
3500
4000
4600
0.35
0.30
0.19
5500
5200
5500
0.12
0.15
0.10
360
320
320
340
400
360
400
100
100
100
100
L
Test Freq. ( MHz )
8
8
8
8
min
Q
100
100
100
Q
100
ABC'S DWG NO.
ABC'S ITEM NO.
0.06
6000
6000
6000
0.08
0.07
min
( MHz )
6000
SRF
( Ω )
max
0.05
RDC
400
400
400
( mA )
IDC
max
400
SL1005□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com