Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SQ08051R2ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SQ08051R2ML
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ08051R2ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SQ08051R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ08051R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ08051R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ08051R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ08051R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ08051R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
m/m
m/m
m/m
m/m
SQ0805□□□□L□-□□□
m/m
m/m
m/m
m/m
m/m
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
℃
200
m/m
e﹒Resistance to solder heat:260℃.10 secs.
b﹒Rated current:Base no temp. rise
a﹒Temp. rese :40℃ max.
c﹒Storage temp.:-40℃ ----+125℃
d﹒Operating temp.:-40℃----+105℃
c﹒Terminal:Cu/Sn
b﹒Wire :Enamelled copper wire (class F)
a﹒Core:Ferrite DQ core
Ⅳ﹒
GENERAL SPECIFICATION:
Ⅲ﹒
MATERIALS:
e﹒Remark:Products comply with RoHS'
d﹒Adhesive:Epoxy resin
AE-001A
150
250
200
100
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Peak Temp:260℃ max.
&
L / LOA=30% typ.
△
requirements
0
50
50
Time ( seconds )
150
100
70sec max.
50sec max.
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
Rising Area
+4.0
/ sec max.
℃
Temperature
d
+2.0 ~ 4.0℃
Reflow Area
/ sec max.
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
Marking
Dot is start winding
& inductance code
NAME
PROD.
REF :
F : 6.0 ref.
F
D
D
(
PCB Pattern)
I
: 2.0 ref.
H : 4.0 ref.
G : 5.0 ref.
I
G
I
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
A
SMD POWER INDUCTOR
B : 6.0±0.3
C : 4.5±0.3
D : 1.4 ref.
E : 3.4 ref.
A : 8.8±0.3
C : 5.0±0.7
'
a
260℃
250
230℃
Peak Temperature:
c
b
PAGE: 1


Similar Part No. - SQ08051R2ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ0504100ML ABC-SQ0504100ML Datasheet
481Kb / 6P
SMD POWER INDUCTOR
SQ0504101KL ABC-SQ0504101KL Datasheet
481Kb / 6P
SMD POWER INDUCTOR
SQ0504220ML ABC-SQ0504220ML Datasheet
481Kb / 6P
SMD POWER INDUCTOR
SQ0504221KL ABC-SQ0504221KL Datasheet
481Kb / 6P
SMD POWER INDUCTOR
SQ05042R2ML ABC-SQ05042R2ML Datasheet
481Kb / 6P
SMD POWER INDUCTOR
More results

Similar Description - SQ08051R2ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com