Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SQ07032R2ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ07032R2ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ07032R2ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ07032R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ07032R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ07032R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ07032R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ07032R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ07032R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SQ07032R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
100K/0.1V
4). Isat base on Temp. rise 40
max.
℃
3). Irms base on Temp. rise 20
max.
℃
1). □:Packaging information… A:Bulk
B:Taping Reel
AR-001A
2)."-
":Reference code
SQ0703102KL□-□□□
SQ0703821KL□-□□□
SQ0703561KL□-□□□
SQ0703681KL□-□□□
□
□ □
1000.00±10%
820.00±10%
560.00±10%
680.00±10%
SQ0703221KL□-□□□
SQ0703271KL□-□□□
SQ0703331KL□-□□□
SQ0703471KL□-□□□
SQ0703391KL□-□□□
SQ0703181KL□-□□□
SQ0703121KL□-□□□
SQ0703151KL□-□□□
SQ0703101KL□-□□□
220.00±10%
330.00±10%
270.00±10%
470.00±10%
390.00±10%
180.00±10%
120.00±10%
150.00±10%
100.00±10%
12.000
14.200
3.000
4.800
3.600
7.000
6.200
9.200
10.500
2.700
1.750
2.000
1.560
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
32
30
36
32
0.796
0.252
0.796
0.796
3.6
3.2
4.2
4.0
100K/0.1V
31
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
33
33
36
30
100K/0.1V
100K/0.1V
100K/0.1V
30
33
32
33
0.796
7.0
0.796
0.796
0.796
0.796
6.0
5.0
5.5
7.0
0.796
0.796
0.796
0.796
9.0
7.0
10.0
11.0
90
80
110
100
135
125
145
155
180
160
140
130
170
250
190
260
270
280
220
180
190
250
340
300
365
400
10.00±10%
12.00±10%
15.00±10%
22.00±10%
27.00±10%
33.00±10%
47.00±10%
56.00±10%
82.00±10%
68.00±10%
39.00±10%
18.00±10%
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTOR
3.30±20%
SQ07033R3ML□-□□□
SQ0703180KL□-□□□
SQ0703330KL□-□□□
SQ0703270KL□-□□□
SQ0703220KL□-□□□
SQ0703820KL□-□□□
SQ0703680KL□-□□□
SQ0703560KL□-□□□
SQ0703470KL□-□□□
SQ0703390KL□-□□□
SQ07034R7ML□-□□□
SQ07033R9ML□-□□□
SQ07035R6ML□-□□□
SQ07036R8ML□-□□□
SQ0703150KL□-□□□
SQ0703120KL□-□□□
SQ0703100KL□-□□□
SQ07038R2ML□-□□□
6.80±20%
8.20±20%
4.70±20%
5.60±20%
3.90±20%
SQ07031R0ML□-□□□
SQ07031R2ML□-□□□
SQ07031R8ML□-□□□
SQ07032R2ML□-□□□
SQ07032R7ML□-□□□
DWG No.
1.00±20%
2.20±20%
2.70±20%
1.20±20%
1.80±20%
Inductance
( μH )
REF : 20080527-A
NAME
PROD.
1650
2350
100K/0.1V
7.96
0.075
65.0
23
0.080
0.100
0.115
0.105
0.170
0.240
0.180
0.150
0.300
0.450
0.400
0.800
0.720
0.900
1.180
0.550
0.280
100K/0.1V
2.52
20
30.0
100K/0.1V
18
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
20
18
18
20
100K/0.1V
100K/0.1V
100K/0.1V
20
17
20
2.52
18.0
2.52
2.52
2.52
2.52
13.0
13.0
12.0
15.0
2.52
2.52
2.52
20.0
20.0
26.0
100K/0.1V
20
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
23
20
23
20
100K/0.1V
100K/0.1V
100K/0.1V
20
20
22
7.96
45.0
2.52
2.52
2.52
7.96
30.0
36.0
36.0
40.0
7.96
7.96
7.96
60.0
56.0
70.0
700
1050
500
390
330
380
400
600
560
650
730
600
560
470
640
880
820
950
1300
750
900
1000
1100
1500
1400
1580
1900
1300
1120
1500
1400
2100
2000
2250
0.042
( Ω )
RDC
0.047
max.
0.052
0.065
0.060
( MHz )
Test Freq
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
24
23
25
25
100K/0.1V
Q
25
ref.
L
145.0
105.0
7.96
7.96
7.96
7.96
95.0
80.0
160.0
(MHz)
7.96
Q
SRF
nom.
ABC'S ITEM NO.
ABC'S DWG NO.
(mA)max.
1800
1700
2000
1900
(mA)max.
T=20
△℃
Irms 1
2200
2600
2500
2700
3000
Irms 2
3200
T=40
△℃
SQ0703□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com