Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SQ45321R2M2 Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SQ45321R2M2
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ45321R2M2 Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SQ45321R2M2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ45321R2M2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ45321R2M2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ45321R2M2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ45321R2M2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ45321R2M2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
User direction of feed
D
12
Q'TY (pcs)
20,000
16,000
12
AR-001A
( 3 ) Q'TY & G.W. Per package
SQ4532
SQ4532
Series
07 - 12
13 - 12
STYLE
( 2 ) Dimensions
Inner : Reel
G.W. (gw)
Q'TY (pcs)
2000
500
540
130
Style
07 - 12
13 - 04
178
330
A
21±0.8
21±0.8
B
13±0.5
13
C
14
42 x 41 x 24
40 x 40 x 24
G.W. (Kg)
6.50
7.20
Outer : Carton
SIZE (cm)
50
50
G
14
+0
+0
-0
N
-0
16.5
18.4
T
Unit:m/m
4 m/m
Components
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
200 m/m min.
no component
End
Leader
P:8 m/m
C
∮
G
SMD POWER INDUCTOR
( 1 ) Configuration
Ⅵ﹒
PACKAGING INFORMATION:
NAME
PROD.
REF :
2.0±0.5
T
Start
400 m/m min.
no component
Trailer
Carrier Tape Width : D
※
Embossed Carrier
PAGE: 3
CoverTape
SQ4532□□□□2□-□□□



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com