Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW10051N0DL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SW10051N0DL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW10051N0DL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SW10051N0DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW10051N0DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW10051N0DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW10051N0DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW10051N0DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW10051N0DL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW10051N0DL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW10051N0DL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1.0 ± 0.3
( nH )
Inductance
DWG No.
SW10051N0DL□-□□□
L / Q
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
max.
( Ω )
RDC
( MHz )
min.
SRF
max.
( mA )
IDC
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
WOUND CHIP INDUCTOR
SW1005□□□□L□-□□□
min.
Q
6000
0.045
1360
13
16
20
6000
6000
0.070
0.066
840
6000
18
0.070
960
(MHz)
250
250
250
250
Test Freq.
1). □:Packaging Information… A:Bulk
B:Taping Reel
250
20
6000
0.066
840
SW10057N5JL□-□□□
7.5 ± 5%
250
250
250
250
25
23
23
23
5800
5800
5800
5800
0.083
0.104
0.083
0.083
760
680
760
800
250
20
5800
0.066
840
SW100512NJL□-□□□
SW10059N0JL□-□□□
SW100511NJL□-□□□
SW100510NJL□-□□□
12.0 ± 5%
8.2 ± 5%
9.0 ± 5%
10.0 ± 5%
11.0 ± 5%
250
250
250
250
26
25
26
23
3600
3680
3900
4160
640
0.120
0.120
0.195
0.104
640
480
680
SW10058N2JL□-□□□
250
25
4400
0.104
680
SW100536NJL□-□□□
SW100540NJL□-□□□
SW100547NJL□-□□□
SW100515NJL□-□□□
SW100519NJL□-□□□
SW100527NJL□-□□□
SW100523NJL□-□□□
36.0 ± 5%
47.0 ± 5%
40.0 ± 5%
15.0 ± 5%
19.0 ± 5%
23.0 ± 5%
27.0 ± 5%
250
200
250
250
250
250
250
26
26
26
26
26
26
26
2320
2100
2240
2480
2720
3280
3040
320
0.403
0.830
0.438
210
320
0.298
0.214
0.172
0.202
400
400
560
480
2.0 ± 0.3
SW10052N0DL□-□□□
3.3 ± 5%
2.2 ± 0.3
SW10053N3JL□-□□□
SW10052N2DL□-□□□
3.6 ± 5%
3.9 ± 5%
SW10053N6JL□-□□□
SW10053N9JL□-□□□
SW10055N1JL□-□□□
SW10055N6JL□-□□□
SW10056N2JL□-□□□
5.1 ± 5%
6.2 ± 5%
5.6 ± 5%
1040
AR-001A
1.9 ± 0.3
SW10051N9DL□-□□□
16
250
6000
0.070
1040
2.4 ± 0.3
2.7 ± 0.3
SW10052N4DL□-□□□
SW10052N7DL□-□□□
16
16
250
250
6000
6000
0.068
0.120
640
790
4.7 ± 5%
4.3 ± 5%
SW10054N3JL□-□□□
SW10054N7JL□-□□□
18
15
250
250
6000
4775
0.091
0.130
700
640
6.8 ± 5%
SW10056N8JL□-□□□
20
250
4800
0.083
680
8.7 ± 5%
SW10058N7JL□-□□□
18
250
4100
0.200
480
9.5 ± 5%
SW10059N5JL□-□□□
18
250
4000
0.200
680
13.0 ± 5%
SW100513NJL□-□□□
24
250
3450
0.210
560
16.0 ± 5%
SW100516NJL□-□□□
24
250
3100
0.220
560
18.0 ± 5%
SW100518NJL□-□□□
25
250
3100
0.230
420
400
0.300
2800
250
25
SW100522NJL□-□□□
22.0 ± 5%
20.0 ± 5%
SW100520NJL□-□□□
25
250
3000
0.250
420
24.0 ± 5%
SW100524NJL□-□□□
25
250
2700
0.300
400
30.0 ± 5%
33.0 ± 5%
SW100530NJL□-□□□
SW100533NJL□-□□□
24
25
250
250
2350
2350
0.350
0.300
400
400
SW100539NJL□-□□□
25
250
2100
0.550
320
39.0 ± 5%
43.0 ± 5%
SW100543NJL□-□□□
2030
250
25
230
0.810
51.0 ± 5%
SW100551NJL□-□□□
25
200
1750
0.820
210
68.0 ± 5%
SW100568NJL□-□□□
22
200
1620
1.120
180
82.0 ± 5%
56.0 ± 5%
SW100582NJL□-□□□
SW100556NJL□-□□□
20
22
150
1500
200
1760
1.250
150
0.970
200
120.0 ± 5%
100.0 ± 5%
SW1005R12JL□-□□□
SW1005R10JL□-□□□
20
20
150
150
1100
1300
2.660
2.520
110
120
2)."-
":Reference code
□□□
REF : 20080711-B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com