Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW100568NJL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SW100568NJL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW100568NJL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SW100568NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW100568NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW100568NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW100568NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW100568NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW100568NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW100568NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW100568NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REF : 20080711-B
PAGE: 1
SPECIFICATION FOR APPROVAL
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
WOUND CHIP INDUCTOR
Ⅰ﹒CONFIGURATION & DIMENSIONS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅲ﹒MATERIALS:
Ⅳ﹒GENERAL SPECIFICATION:
a﹒Core:Ceramic
b﹒WIRE :Enamelled copper wire (class H)
c﹒Terminal:
d﹒Encapsulate:Epoxy
d﹒Operating temp.:-55℃----+125℃
c﹒Stopage temp.:-55℃ ----+125℃
a﹒Temp rise :15℃ max
b﹒Rated current:Current cause inductance
( PCB Pattern )
Mo / Mn + Ni + Au
A
:
1.00 ± 0.1
B
:
0.55 ± 0.1
C
:
0.50 ± 0.1
D
:
0.30
E
:
0.20
G
:
0.40
H
:
0.40
I
:
0.50
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
b
a
d
SW1005□□□□L□-□□□
E
E
BOTTOM View
SIDE View
TOP View
I
I
G
c
A
F
F
:
0.50
m/m
AR-001A
drop within 10% max.
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
Temperature
Rising Area
Time ( seconds )
150
0
100
50
200
150
250
50
100
+4.0
/ sec max.
℃
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
Peak Temperature:
250
200
70sec max.
50sec max.
260℃
230℃
-(1.0 ~ 5.0)
/ sec max.
℃
Forced Cooling Area
/ sec max.
+2.0 ~ 4.0℃
Reflow Area
e﹒Remark:Products comply with RoHS'
requirements


Similar Part No. - SW100568NJL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SW1004 OMRON-SW1004 Datasheet
5Mb / 18P
General-purpose Basic Switch
logo
Xian Semipower Electron...
SW100N03 SEMIPOWER-SW100N03 Datasheet
509Kb / 5P
N-channel MOSFET
SW100N10 SEMIPOWER-SW100N10 Datasheet
678Kb / 5P
N-channel TO-220 MOSFET
SW100N10A SEMIPOWER-SW100N10A Datasheet
534Kb / 5P
N-channel TO-220 MOSFET
SW100N10B SEMIPOWER-SW100N10B Datasheet
547Kb / 5P
N-channel TO-220 MOSFET
More results

Similar Description - SW100568NJL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
WOUND CHIP INDUCTOR
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
WOUND CHIP INDUCTOR
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
WOUND CHIP INDUCTOR
SW20222N2DL ABC-SW20222N2DL Datasheet
142Kb / 8P
WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
Wound Chip Inductor
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
Wound Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com