Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW100582NJL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SW100582NJL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW100582NJL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SW100582NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW100582NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW100582NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW100582NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW100582NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW100582NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW100582NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW100582NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
G.W. (Kg)
10,000
Q'TY (pcs)
( 2 ) Q'TY & G.W. Per package
Series
SW1005
( 2 ) Dimensions
07 - 08
Style
178
A
07 - 08
Style
G.W. (gw)
100
Inner : Reel
500,000
Q'TY (pcs)
User direction of feed
13
21±0.8
B
C
8
D
41 x 39 x 22
Size (cm)
5.50
Outer : Carton
+0
10
G
-0
50
N
12.5
T
Unit:m/m
Components
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Carrier Tape Width : D
※
200 m/m Min.
End
Leader
no component
P:2m/m
4 m/m
G
C
∮
2.0±0.5
Ⅶ﹒PACKAGING INFORMATION:
( 1 ) Configuration
NAME
PROD.
T
Start
Trailer
400 m/m Min.
no component
Embossed Carrier
D
PAGE: 4
Cover Tape
SW1005□□□□L□-□□□
WOUND CHIP INDUCTOR
AR-001A
REF : 20080711-B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com