Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE701331AM+ Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE701331AM+
Description  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701331AM+ Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE701331AM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701331AM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701331AM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701331AM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701331AM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701331AM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701331AM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701331AM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701331AM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
 
                                                                                                                      
ACE701
                        Technology PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
3
Block Diagram
ACE701
Recommended Work Conditions
Item
Min
Nom
Max
Unit
Input Voltage Range
0.8
Vout
V
Inductor
10
27
100
μH
Input capacitor
0
≧
10
μF
Output capacitor
47
100
220
μF
Operating junction temperature
-20
85
℃
*Suggestion: Use tantalum capacitor to reduce the ripple of the output voltage.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
2.45
2.5
2.55
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
Output Voltage
Vout
5.88
6.0
6.12
V
Input Voltage
Vin
12
V
Input Current
Lin
Iout=0mA, Vin=Vout*0.6
12
15
uA
Start-up voltage
Vstart
Iout=1mA, Vin:0 2V
0.8
0.9
V
Hold-on voltage
Vhold
Iout=1mA, Vin:2 0V
0.6
0.7
V
Quiescent current drawn from
power source
IDD
Without external components,
Vout=Vout x 1.05
4
7
uA
Switch ON Resistance
Rswon
0.4
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com