Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8883 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8883
Description  Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8883 Datasheet HTML 5Page - NXP Semiconductors PCF8883 Datasheet HTML 6Page - NXP Semiconductors PCF8883 Datasheet HTML 7Page - NXP Semiconductors PCF8883 Datasheet HTML 8Page - NXP Semiconductors PCF8883 Datasheet HTML 9Page - NXP Semiconductors PCF8883 Datasheet HTML 10Page - NXP Semiconductors PCF8883 Datasheet HTML 11Page - NXP Semiconductors PCF8883 Datasheet HTML 12Page - NXP Semiconductors PCF8883 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PCF8883_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 October 2009
9 of 24
NXP Semiconductors
PCF8883
Capacitive proximity switch with auto-calibration
9.
Limiting values
[1]
Pass level; Human Body Model (HBM) according to Ref. 6 “JESD22-A114”.
[2]
Pass level; Machine Model (MM), according to Ref. 7 “JESD22-A115”.
[3]
Pass level; latch-up testing, according to Ref. 8 “JESD78” at maximum ambient temperature (Tamb(max) =85 °C).
[4]
According to the NXP store and transport requirements (see Ref. 10 “NX3-00092”) the devices have to be stored at a temperature of
+8
°C to +45 °C and a humidity of 25 % to 75 %. For long term storage products deviant conditions are described in that document.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+9
V
VI
input voltage
on pins IN, TYPE, CPC
−0.5
VDD(INTREGD) + 0.5
V
IO
output current
on pin OUT
−10
+50
mA
ISS
ground supply current
−10
+50
mA
II
input current
on any other pin
−10
+10
mA
Ptot
total power dissipation
-
100
mW
VESD
electrostatic discharge
voltage
HBM
[1] -
±2000
V
MM
[2] -
±200
V
Ilu
latch-up current
[3] -
100
mA
Tstg
storage temperature
[4]
−60
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com