Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8029 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8029
Description  Low power single card reader
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8029 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8029 Datasheet HTML 17Page - NXP Semiconductors TDA8029 Datasheet HTML 18Page - NXP Semiconductors TDA8029 Datasheet HTML 19Page - NXP Semiconductors TDA8029 Datasheet HTML 20Page - NXP Semiconductors TDA8029 Datasheet HTML 21Page - NXP Semiconductors TDA8029 Datasheet HTML 22Page - NXP Semiconductors TDA8029 Datasheet HTML 23Page - NXP Semiconductors TDA8029 Datasheet HTML 24Page - NXP Semiconductors TDA8029 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
9397 750 14145
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 22 February 2005
21 of 59
Philips Semiconductors
TDA8029
Low power single card reader
8.4 Interrupt priority structure
The TDA8029 has a 6-source 4-level interrupt structure.
There are three SFRs associated with the 4-level interrupt: IE, IP and IPH. The Interrupt
Priority High (IPH) register implements the 4-level interrupt structure. The IPH is located
at SFR address B7h.
The function of the IPH is simple and when combined with the IP determines the priority of
each interrupt. The priority of each interrupt is determined as shown in Table 23.
[1]
Level activated.
[2]
Transition activated.
UART modes 2 or 3 and SM2 = 1: there is an interrupt if REN = 1, RB8 = 1 and received address is equal to programmed
address.
When own address is received, reset SM2 to receive the data bytes. When all data bytes are received, set SM2 to wait for
the next address.
Fig 7.
UART multiprocessor communication, automatic address recognition
mdb817
SM0
SM1
SM2
REN
TB8
11
1
1
X
10
COMPARATOR
RB8
TI
RI
SCON
(98h)
D0
D1
D2
D3
D4
D5
D6
D7
D8
received address D0 to D7
programmed address
Table 23:
Priority bits
IPH bit n
IP bit n
Interrupt priority level
0
0
level 0 (lowest priority)
0
1
level 1
1
0
level 2
1
1
level 3 (highest priority)
Table 24:
Interrupt Table
Source
Polling priority
Request bits
Hardware clear
Vector address
(hex)
X0
1
IE0
N [1], Y [2]
03
T0
2
TF0
Y
0B
X1
3
IE1
N [1], Y [2]
13
T1
4
TF1
Y
1B
SP
5
RI, TI
N
23
T2
6
TF2, EXF2
N
2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com