Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SOM-4481FL-R0A3E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-4481FL-R0A3E
Description  Intel짰 Pentium짰 M, 855GME ETX CPU Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-4481FL-R0A3E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-4481FL-R0A3E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-4481FL-R0A3E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
SOM-4481
Mic
DDR SDRAM
(Up to 1GB)
FWH
ICH4
AC-Link
Codec
LPT/FLOPPY
AC97
855GME
LPC Super I/O
(W83627HG)
Intel
Pentium M
Celeron M
Line-In
Line-Out
400 MHz
Hub I/F 266MB/s
200-pin SODIMM x 1
ISA BUS
(IT 8888G)
PCI-ISA Bridge
Ethernet
10/100 LAN
(82562GZ)
LCI BUS
Dual channel LVDS
PRIMARY IDE / ATA100
USB 2.0 x 4
PCI BUS
SECONDARY IDE / ATA100
Analog RGB
DDR 266/333
LPC BUS
COM1/COM2
PS/2 KB&MS
IRDA
Ordering Information
Part No.
CPU
L2 Cache Chipset LVDS
VGA
10/100
LAN
AC97
Audio
PCI USB 2.0
ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-4481FL-00A3E
Socket
855GME
2 x 24-bit
Yes
Yes
Yes
4
4
Yes
Yes
Active
0 ~ 60° C
SOM-4481FL-M0A3E
Celeron M
600 MHz
512 KB
855GME
2 x 24-bit
Yes
Yes
Yes
4
4
Yes
Yes
Passive
0 ~ 60° C
SOM-4481FL-R0A3E
Celeron M
373
512 KB
855GME
2 x 24-bit
Yes
Yes
Yes
4
4
Yes
Yes
Passive
0 ~ 60° C
SOM-4481FL-S0A3E
Pentium M
LV 1.1 G
1 MB
855GME
2 x 24-bit
Yes
Yes
Yes
4
4
Yes
Yes
Passive
0 ~ 60° C
SOM-4481FL-S4A3E
Pentium M
LV 738
2 MB
855GME
2 x 24-bit
Yes
Yes
Yes
4
4
Yes
Yes
Active
0 ~ 60° C
Development Board
Part No.
Description
SOM-DB4400-00A2E
Development Board for ETX Rev.A2
SOM-DB4700-00A1E
Development Board for ETX Rev.A1
Optional Accessories
Part No.
Description
1960012091T00S
Semi-Heatsink
1750001980
Semi-Cooler
Packing List
Part No.
Description
Quantity
SOM-4481 CPU Module
1
Utility
1
1960005653
Heatspreader (SOM-4481FL-00A3E only)
1
1960005652
Heatspreader (SOM-4481FL-M0A3E,
SOM-4481FL-R0A3E, SOM-4481FL-S0A3E,
SOM-4481FL-S4A3E)
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com