Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCFB3A0200 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SCFB3A0200
Description  Connector for CompactFlash
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCFB3A0200 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SCFB3A0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCFB3A0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCFB3A0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCFB3A0200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCFB3A0200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
48
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
4
PC board mounting hole dimensions
(Viewed from the mounting face side)
No part mounting
Mounted part height 1.15 max.
21.75
43.5
39.9
(0.635×49=)31.115
#26
#1
Width 0.35
Pitch 0.635
46.2 min.
48.5
2.4
5.4
24.05 min.
28.65 min.
26.65 min.
2.5 max.
40.2 max.
45.7 min.
15.7 min.
#25
#50
4-Ground pad
25.95
(53.6)
48.5
43
43.5
PC board
mounting side
2-ø2.54 max.
Pitch 0.635
1.27
4.45
27.1 max.
Range of movement of the lever
27.65
26.1
39.9
22.25
2-M2
×P0.4
2-M2
×P0.4
Knob lock pos.
Knob eject pos.
Knob
over tra.
17 max.
3 min.
0.2 max.
7.5
(Full height)
(48.35)
PC board
mounting side
#1
#25
#50
#26
2-ø1
24.05 min.
28.65 min.
26.65 min.
45.7 min.
46.2 min.
40.2 max.
48.5
15.7 min.
21.75
2.5 max.
5.4
2.4
Pitch
#1
#26
Mounted part height 1.15 max.
No part mounting
43.5
#50
#25
39.9
(0.635×49) 31.115
0.635
Width 0.35
4-Ground pad
Dimensions
No.
3
Knob
over tra.
Knob eject pos.
Knob lock pos.
2-M2
×P0.4
2-M2
×P0.4
22.25
39.9
26.1
3 min.
Range of movement of the lever
27.1 max.
4.45
1.27
Pitch
0.635
17 max.
(48.35)
PC board
mounting side
43.5
43
2-ø1
Card center
0.3 max.
7.5
(Full height)
2-ø2.54 max.
#26
#1
#25
#50
48.5
27.65
25.95
5.36
PC board
mounting side
Style
Unit:mm
2 step
Standard type
Stand–off 1.2mm
Position of knob: Right
2 step
Standard type
Stand–off 1.2mm
Position of knob: Left
Connector for CompactFlash™ SCFB Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com