Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SKEG Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKEG
Description  6mm Square(Snap-in Type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKEG Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKEG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
297
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Dimensions
Unit:mm
Circuit Diagram
1
2
PC board mounting hole dimensions
(Viewed from switch mounting face)
2
No.
Style
Flat stem type
1
3
5.5
H6
H5
1
2
Stem
5.5
2-ø1.25 holes
3
Horizontal type
7.5
6
4.5
7
4.25
5.75
4.15
0.3
1
0.7
5
2.57
1
2
Stem
Photo
7
4.5
2-ø1 holes
2-ø1.3 holes
Please use 1.6mm thick PC boards.
(For horizontal type, 1.0mm)
Note
6mm Square(Snap-in Type)
SKEG Series
TACT Switch
TM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com