Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1105 Datasheet(PDF) 2 Page - ams AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105 Datasheet(HTML) 2 Page - ams AG

  AS1105_1 Datasheet HTML 1Page - ams AG AS1105_1 Datasheet HTML 2Page - ams AG AS1105_1 Datasheet HTML 3Page - ams AG AS1105_1 Datasheet HTML 4Page - ams AG AS1105_1 Datasheet HTML 5Page - ams AG AS1105_1 Datasheet HTML 6Page - ams AG AS1105_1 Datasheet HTML 7Page - ams AG AS1105_1 Datasheet HTML 8Page - ams AG AS1105_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.austriamicrosystems.com
Revision 1.34
2 - 15
AS1105
Data Sheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Configuration (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin
Name
Pin Number
Description
DOUT
1
Serial data output for cascading drivers. The output is valid after 16.5
clock cycles. The output is never set to high impedance.
DIN
2
Data input. Data is programmed into the 16-bit shift register on the rising
CLK edge.
DIG0–DIG3
3,8,5,6
4-digit driver lines that sink the current from the common cathode of the
display. In shutdown mode the AS1105 switches the outputs to VDD.
GND
4,7
Both GND pins must be connected.
LOAD
9
Strobe input. With the rising edge of the LOAD signal the 16-bit of serial
data is latched into the register.
CLK
10
Clock input. The interface is capable to support clock frequencies up to
10MHz. The serial data is clocked into the internal shift register with the
rising edge of the CLK signal. On the DOUT pin the data is applied with the
falling edge of CLK.
SEG A–G, DP
11–14, 17–20
Seven segment driver lines including the decimal point. When a
segment is turned off the output is connected to GND.
ISET
15
The current into ISET determines the peak current through the segments and
therefore the brightness.
VDD
16
Positive Supply Voltage (+5V)
AS1105
10
1
2
11
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
DOUT
DIN
DIG0
GND
DIG2
DIG3
GND
DIG1
LOAD
CLK
SEG D
SEG DP
SEG E
SEG C
VDD
ISET
SEG G
SEG B
SEG F
SEG A
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com