Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRGP Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SRGP
Description  Hollow Shaft Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRGP Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SRGP Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRGP Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRGP Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Encoder
Type
Potentiometer
Type
447
Hollow Shaft
Type Devices
Type
Series
List of Varieties
SRGP30
SRGP40
17mm size
Hollow type
SRGP20
22mm size
SRGPWJ
30mm size
F The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Note
Soldering
Dimensions
(mm)
Shaft types
Operating direction
Number of pulse/
Number of detent
Push switch
(Travel mm)
Optional
functions
W
D
H
Manual soldering
Photo
Output
Changeover angle
Dip soldering
Reflow soldering
Maximum operating current
(Resistive load)
Incremental
450
451
17.5
18.5
18.25
2.3
1.55
20°
15°
Without
9/18
12/24
Vertical
Hollow shaft
23.6
23
4.5
452
10/20
18°
–10
℃ to +60℃
–40
℃ to +85℃
7
±3mN・m
40N
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
5
±2.5mN・m
20N
–40
±2℃ for 96h
–20
±2℃ for 96h
350±5℃, 3s max.
350±10℃, 3
s max.
+1
0
Terminal strength
Vibration
Actuator
strength
Rotational direction
Push direction
Please see P.198
100M
Ω min. 100V DC
100V AC for 1minute
5N for 1minute
350±10℃, 3
s
+1
0
260
±5℃, 5±1s
1V max.
at 5V DC,1mA
(resistive load)
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2 hours respectively
2
±1mN・m
3.5
±1mN・m
Page
Voltage proof
Output wave
Rotational torque
Cold
Dry heat
Damp heat
Insulation resistance
22.5
°
31.8
32
16
/16
16
/32
13
±4mN・m
6.5
±4mN・m
Measuring
terminal
Measuring
circuit
5V
5K½
Hollow Shaft Type Devices



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com