Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1109 Datasheet(PDF) 15 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 15 Page - ams AG

Back Button AS1109 Datasheet HTML 11Page - ams AG AS1109 Datasheet HTML 12Page - ams AG AS1109 Datasheet HTML 13Page - ams AG AS1109 Datasheet HTML 14Page - ams AG AS1109 Datasheet HTML 15Page - ams AG AS1109 Datasheet HTML 16Page - ams AG AS1109 Datasheet HTML 17Page - ams AG AS1109 Datasheet HTML 18Page - ams AG AS1109 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
www.austriamicrosystems.com
Revision 1.18
15 - 26
AS1109
Data Sheet - D e t a i l e d D e s c r i p t i o n
Detailed Shorted-LED Error Report
The detailed shorted-LED error report can be read out immediately after global error mode has been run (see Global
Error Mode on page 11).
Figure 17. Detailed Shorted-LED Error Report Timing Diagram
Detailed Shorted-LED Error Report Example
Consider a case where five AS1109s are cascaded in one chain. A 1 indicates a LED is on, a 0 indicates a LED is off,
and an X indicates a shorted LED. This test is used with a test pattern where all LEDs are on at test time. Additionally,
this test should be run after starting low-current diagnostic mode (see Low-Current Diagnostic Mode on page 15).
IC1:[11111XX1] IC2:[11111111] IC3:[11111111] IC4:[111X1111] IC5:[11111111]
IC2 has two shorted LEDs and IC4 has one shorted LED switched on due to input. 5*8 clock cycles are needed to write
the entire error code out. The detailed error report would look like this:
Showing IC1 as the device with two shorted LEDs at position 6 and 7, and IC4 with one shorted LED at position 4.
Note: In an actual report there are no spaces in the output. LEDs turned off during test time cannot be tested.
Low-Current Diagnostic Mode
To run the open- or shorted-LED test, a test pattern must be used that will turn on each LED to be tested. This test pat-
tern will cause a short flicker on the screen while the test is being performed. The low-current diagnostic mode can be
initiated prior to running a detailed error report to reduce this on-screen flickering.
Note: Normally, displays using such a diagnosis mode require additional cables, resistors, and other components to
reduce the current. The AS1109 has this current-reduction capability built-in, thereby minimizing the number of
external components required.
Low-current diagnostic mode can be initiated via 3 clock pulses during error-detection mode. After the falling edge of
LD, a test pattern displaying all 1s can be written to the shift register which will be used for the next error-detection test.
On the next falling edge of OEN, current is reduced to ILC. With the next rising edge of OEN the current will immedi-
ately increase to normal levels and the detailed error report can be read out entering error-detection mode.
Input Data: 1 111 1111
11 1111 11
1 111 1111
111 111 11
1 1111 111
LED Status: 1 111 1X X 1
11 1111 11
1 111 1111
111 X 1 1 1 1
1 1111 111
Failure Code: 1 111 1001
11 1111 11
1 111 1111
111 011 11
1 1111 111
Global Flag Readout
Detailed Error Report Readout
SDI
OEN
LD
CLK
SDO
tH(L)
tSU(ERROR)
tP1
tSW(ERROR)
tP4
TFLAG
SFLAG
DBit6
DBit5
DBit4
DBit3
DBit2
DBit1
DBit0
Don’t
Care
Don’t
Care
SBit6
SBit5
SBit4
SBit3
SBit2
SBit1
SBit0
SBit7
New Data Input
Shorted-LED Error Report Output
OFLAG
TFLAG
tP4
tTESTING
Global Flag Readout
DBit7
For detailed timing information see Timing Diagrams on page 9.
tGSW(ERROR)
tGSW(ERROR)
tGSW(ERROR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com