Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP15M Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP15M
Description  SINGLE-PHASE 15 AMPS. SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP15M Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP15M Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP15M Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
300 Amps Surge capability
CASE: Molded Plastic with Heatsink Interally
Mounted in the Bridge Encapsulation
Electrically isolated metal case for maximum
heat dissipation
Mounting: thru hole for #6 screw
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS PRV
CURRENT
15 Amperes
MP15005M
MP1501M
MP1502M
MP1504M
MP1506M
MP1508M
MP1510M
Maximum Average Forward
0
T
Output Current @
=55 C
A
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
V(AV)
IFSM
V
F
TJ
TSTG
IR
Maximum RMS Bridge Input Voltage
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load(JEDEC Method)
Maximum Forward Voltage
per Bridge Element
0
T
Maximum DC Reverse Current at rated @
=25 C
A
DC Blocking Voltage Per Bridge Element
UNITS
50
100
200
400
600
800
1000
V
V
V
A
0C
0C
A
A
V
35
70
140
280
420
560
700
10
-55 to +125
-55 to +125
15
200
1.1
*(Plastic case & Metal base)
MP15M SERIES
SINGLE-PHASE 15 AMPS. SILICON
BRIDGE RECTIFIERS
SINGLE-PHASE 15 AMPS. SILICON
BRIDGE RECTIFIERS
VDC
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
MP15 at IF 7.5A


Similar Part No. - MP15M

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP15 CHENG-YI-MP15 Datasheet
156Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
CTS Corporation
MP150 CTS-MP150 Datasheet
133Kb / 5P
Quartz Crystal
logo
Won-Top Electronics
MP1500 WTE-MP1500 Datasheet
42Kb / 3P
15A BRIDGE RECTIFIER
MP1500 WTE-MP1500 Datasheet
70Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
MP1500 WTE-MP1500 Datasheet
53Kb / 4P
15A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - MP15M

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
W005M JGD-W005M Datasheet
125Kb / 2P
SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU401 TSC-KBU401 Datasheet
54Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
KBU801 TSC-KBU801 Datasheet
56Kb / 2P
Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
KBU801 TSC-KBU801_1 Datasheet
169Kb / 2P
Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
2W005 TSC-2W005 Datasheet
261Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
KBL601 TSC-KBL601_1 Datasheet
259Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
BR-L10A YANGJIE-BR-L10A Datasheet
257Kb / 2P
SINGLE PHASE 10/15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
Kingtronics Internation...
KBPC25005W KINGTRONICS-KBPC25005W_15 Datasheet
413Kb / 2P
25 AMPS. Single Phase Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com