Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1351 Datasheet(PDF) 2 Page - ams AG

Part # AS1351
Description  Programmable Dual LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1351 Datasheet(HTML) 2 Page - ams AG

  AS1351 Datasheet HTML 1Page - ams AG AS1351 Datasheet HTML 2Page - ams AG AS1351 Datasheet HTML 3Page - ams AG AS1351 Datasheet HTML 4Page - ams AG AS1351 Datasheet HTML 5Page - ams AG AS1351 Datasheet HTML 6Page - ams AG AS1351 Datasheet HTML 7Page - ams AG AS1351 Datasheet HTML 8Page - ams AG AS1351 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.austriamicrosystems.com
Revision 1.21
2 - 10
AS1351
Data Sheet - Pi nout
4 Pinout
Pin Descriptions
Figure 2. Pin Assignments (Top View – Not To Scale)
†
All GND pins (3, 4, and 13) must be connected together externally.
Table 1. Pin Descriptions
Number
Name
Description
1
EN2
Digital input to enable VOUT2.
2
EN1
Digital input to enable VOUT1.
3GND
Negative supply voltage.
†
4GND
Negative supply voltage.
†
5VOUT1
Regulated analog output voltage 1.
6VOUT2
Regulated analog output voltage 2.
7VDD
Positive supply voltage. Pins 7 and 9 must be connected together externally.
8
N/C
Not connected.
9VDD
Positive supply voltage. Pins 7 and 9 must be connected together externally.
10
REF
Analog reference voltage; connect to 100nF capacitor during normal operation.
11
N/C
Not connected.
12
N/C
Not connected.
13
GND
Negative supply voltage; this pin is the exposed pad.
†
AS1351
VDD
GND
EN2
EN1
N/C
N/C
REF
10
11
12
6
5
4
1
2
3
9
8
7
VDD
N/C
GND (Exposed Pad)
13
VOUT2
VOUT1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com